| 전자부품 데이터시트 검색엔진 |
|
LTC4097EDDB 데이터시트(PDF) 1 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4097EDDB 데이터시트(HTML) 1 Page - Linear Technology |
|
1 / 20 page ![]() LTC4097 1 4097f LTC4097 DCIN USBIN IUSB IDC BAT VNTC HPWR NTC ITERM 1.24k 1% 2k 1% 2k 1% WALL ADAPTER USB PORT 1 µF 1 µF + 4.2V SINGLE CELL Li-Ion BATTERY 800mA (WALL) 100mA/500mA (USB) 4097 TA01 GND T TIME (HR) 0 4.2 200 0 400 800 600 1000 1.5 2.5 4097 TA01b 3.6 3.4 5.0 4.0 3.8 2.5 0 0.5 1.0 2.0 3.0 CONSTANT VOLTAGE USBIN = 5V TA = 25°C RIDC = 1.24k RIUSB = 2k HPWR = 5V TYPICAL APPLICATION FEATURES APPLICATIONS DESCRIPTION USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger The LTC®4097 is a standalone linear battery charger that is capable of charging a single-cell Li-Ion or Li-Polymer battery from both wall adapter and USB inputs. The charger can detect power at the inputs and automatically select the appropriate power source for charging. No external sense resistor or blocking diode is required for charging due to the internal MOSFET architecture. Internal thermal feedback regulates the battery charge current to maintain a constant die temperature during high power operation or high ambient temperature conditions. The float voltage is fixed at 4.2V and the charge current is programmed with an external resistor. The LTC4097 terminates the charge cycle when the charge current drops below the user programmed termination threshold after the final float voltage is reached. The LTC4097 can be put into shutdown mode reducing the DCIN supply current to 20µA, the USBIN supply current to 10µA, and the battery drain current to less than 2µA even with power applied to both inputs. Other features include trickle charge, automatic recharge, undervoltage lockout, charge status output, an NTC therm- istor input used to monitor battery temperature and VNTC power present output with 120mA drive capability. Dual Input Battery Charger for Single-Cell Li-Ion Battery , LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other trademarks are the property of their respective owners. *Protected by U.S. Patents including 6522118. ■ Charges Single-Cell Li-Ion/Polymer Battery from Wall Adapter and USB Inputs ■ Automatic Input Detection (Wall Adapter Input has Charging Priority) ■ Charge Current Programmable up to 1.2A from Wall Adapter Input ■ Programmable Charge Current Termination ■ NTC Thermistor Input for Temperature Qualified Charging ■ Independent DC, USB Charge Current Programming ■ Preset Float Voltage with ±0.6% Accuracy ■ Thermal Regulation Maximizes Charge Rate Without Risk of Overheating* ■ Charge Status Output ■ Automatic Recharge ■ 20µA Charger Quiescent Current in Shutdown ■ Available in a Thermally Enhanced, Low Profile (0.75mm) 12-Lead (3mm × 2mm) DFN Package ■ Cellular Telephones ■ MP3 Players ■ Portable Handheld Devices Complete Charge Cycle (1100mAh Battery) |
유사한 부품 번호 - LTC4097EDDB |
|
유사한 설명 - LTC4097EDDB |