전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ3285LSSTR 데이터시트(PDF) 26 Page - Texas Instruments

부품명 BQ3285LSSTR
상세설명  Real-Time Clock RTC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

BQ3285LSSTR 데이터시트(HTML) 26 Page - Texas Instruments

Back Button BQ3285LSSTR Datasheet HTML 21Page - Texas Instruments BQ3285LSSTR Datasheet HTML 22Page - Texas Instruments BQ3285LSSTR Datasheet HTML 23Page - Texas Instruments BQ3285LSSTR Datasheet HTML 24Page - Texas Instruments BQ3285LSSTR Datasheet HTML 25Page - Texas Instruments BQ3285LSSTR Datasheet HTML 26Page - Texas Instruments BQ3285LSSTR Datasheet HTML 27Page - Texas Instruments BQ3285LSSTR Datasheet HTML 28Page - Texas Instruments BQ3285LSSTR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
bq3285E/L
Data Sheet Revision History
Change
No.
Page
No.
Description
Nature of Change
1
8
Register C, bit 2
Was 0; is na (not affected)
1
18
Output data delay time tOD
Was 80 ns max; is 100 ns max
2
1, 24, 26
Package option change
Lst time buy for some package options.
3
1, 24, 26
Package option change
Removed PLCC and added industrial SSOP package options
4
1, 11
Package option change
Industrial package option removed
Note:
Change 1 = Jan. 1995 B “Final” changes from Dec. 1993 A “Preliminary”.
Change 2 = Jan. 1999 C changes from Jan. 1995 B
Change 3 = Apr. 1999 D changes from Jan. 1999 C.
Change 4 = May 2004 (SLUS004A) changes from Apr. 1999 D
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com