| 전자부품 데이터시트 검색엔진 |
|
CD54-74FCT240 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54-74FCT240 데이터시트(HTML) 1 Page - Texas Instruments |
|
1 / 3 page ![]() 1 Data sheet acquired from Harris Semiconductor SCHS270A Features • CD54/74FCT240, CD54/74FCT240AT - Inverting • CD54/74FCT241, CD54/74FCT244, CD54/74FCT244AT - Non-Inverting • Buffered Inputs • Typical Propagation Delay: 4.1ns at VCC = 5V, TA = 25oC (FCT240AT, FCT244AT) • SCR-Latchup-Resistant BiCMOS Process and Circuit Design • FCTXXX Types - Speed of Bipolar FAST®/AS/S; FCTXXXAT Types - 30% Faster Than FAST/AS/S with Significantly Reduced Power Consumption • 48mA to 64mA Output Sink Current (Commer- cial/Extended Industrial) • Output Voltage Swing Limited to 3.7V at VCC = 5V • Controlled Output-Edge Rates • Input/Output Isolation to VCC • BiCMOS Technology with Low Quiescent Power Description The CD54/74FCT240, 240AT, 241, 244 and 244AT three- state octal buffers/line drivers use a small-geometry BiCMOS technology. The output stage is a combination of bipolar and CMOS transistors that limits the output-HIGH level to two diode drops below VCC. This resultant lowering of output swing (0V to 3.7V) reduces power bus ringing (a source of EMI) and minimizes VCC bounce and ground bounce and their effects during simultaneous output switching. The output configuration also enhances switching speed and is capable of sinking 48mA to 64mA. The CD54/74FCT240, 240AT, 244 and 244AT have active- LOW output enables (1OE, 2OE). The CD54/74FCT241 and CD54/74FCT241AT have one active-LOW (1OE) and one active-HIGH (2OE) output enable. Functional Diagram NOTE: H = High Voltage Level, L = LOW Voltage Level X = Immaterial, Z = HIGH Impedance Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54/74FCT240E -55 to 125, 0 to 70 20 Ld PDIP CD54/74FCT240ATE -55 to 125, 0 to 70 20 Ld PDIP CD54/74FCT241E -55 to 125, 0 to 70 20 Ld PDIP CD54/74FCT244E -55 to 125, 0 to 70 20 Ld PDIP CD54/74FCT244ATE -55 to 125, 0 to 70 20 Ld PDIP CD54/74FCT240M -55 to 125, 0 to 70 20 Ld SOIC CD54/74FCT240ATM -55 to 125, 0 to 70 20 Ld SOIC CD54/74FCT241M -55 to 125, 0 to 70 20 Ld SOIC CD54/74FCT244M -55 to 125, 0 to 70 20 Ld SOIC CD54/74FCT244ATM -55 to 125, 0 to 70 20 Ld SOIC CD54/74FCT240SM -55 to 125, 0 to 70 20 Ld SSOP CD54/74FCT241SM -55 to 125, 0 to 70 20 Ld SSOP CD54/74FCT244SM -55 to 125, 0 to 70 20 Ld SSOP CD54FCT240H -55 to 125 CD54FCT241H -55 to 125 CD54FCT244H -55 to 125 CD54/74FCT240, CD54/74FCT240AT TRUTH TABLE INPUT INPUT OUTPUT 1OE, 20E A Y LL H LHL HX Z CD54/74FCT244, CD54/74FCT244AT TRUTH TABLE INPUT INPUT OUTPUT 1OE, 2OE A Y LL H LHL HX Z CD54/74FCT241 TRUTH TABLE INPUT OUTPUT INPUT OUTPUT 1OE 1A 1Y 2OE 2A 2Y LLLL X Z L HHH L L H X Z HHH 18 16 14 12 9 7 5 3 2 4 6 8 11 13 15 17 119 1A0 1A1 1A2 1A3 2A0 2A1 2A2 2A3 1OE 2OE 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 241, 244 240 1OE 2OE 240, 244 241 VCC = 20 GND = 10 February 1996 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © Harris Corporation 1996 File Number 2227.3 CD54/74FCT240, CD54/74FCT240AT, CD54/74FCT241, CD54/74FCT244, CD54/74FCT244AT FCT Interface Logic Octal Buffers/Line Drivers, Three-State FAST® is a registered trademark of Fairchild Semiconductor Corporation. CD74FCT240AT and CD74FCT244AT were not acquired from Harris Semiconductor. |
유사한 부품 번호 - CD54-74FCT240 |
|
유사한 설명 - CD54-74FCT240 |