전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74AC151 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74AC151
상세설명  8-Input Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74AC151 데이터시트(HTML) 5 Page - Texas Instruments

  CD74AC151 Datasheet HTML 1Page - Texas Instruments CD74AC151 Datasheet HTML 2Page - Texas Instruments CD74AC151 Datasheet HTML 3Page - Texas Instruments CD74AC151 Datasheet HTML 4Page - Texas Instruments CD74AC151 Datasheet HTML 5Page - Texas Instruments CD74AC151 Datasheet HTML 6Page - Texas Instruments CD74AC151 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
AC TYPES
Propagation Delay,
Any Data to Y
tPLH, tPHL
1.5
-
-
152
-
-
169
ns
3.3
(Note 9)
4.9
-
17.1
4.7
-
18.9
ns
5
(Note 10)
3.5
-
12.3
3.4
-
13.5
ns
Propagation Delay,
Any Data to Y
tPLH, tPHL
1.5
-
-
169
-
-
186
ns
3.3
5.4
-
19
5.2
-
20.9
ns
5
3.8
-
13.5
3.7
-
14.9
ns
Propagation Delay,
Any Select to Y
tPLH, tPHL
1.5
-
-
207
-
-
228
ns
3.3
6.6
-
23.2
6.4
-
25.5
ns
5
4.7
-
16.5
4.6
-
18.2
ns
Propagation Delay,
Any Select to Y
tPLH, tPHL
1.5
-
-
223
-
-
245
ns
3.3
7.1
-
24.9
6.9
-
27.4
ns
5
5.1
-
17.8
4.9
-
19.6
ns
Propagation Delay,
Any Enable to Y
tPLH, tPHL
1.5
-
-
139
-
-
153
ns
3.3
4.4
-
15.5
4.3
-
17.1
ns
5
3.1
-
11.1
3.1
-
12.2
ns
Propagation Delay,
Any Enable to Y
tPLH, tPHL
1.5
-
-
153
-
-
169
ns
3.3
4.9
-
17.2
4.7
-
18.9
ns
5
3.5
-
12.3
3.4
-
13.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
120
-
-
120
-
pF
ACT TYPES
Propagation Delay,
Any Data to Y
tPLH, tPHL
5
(Note 10)
4
-
14.1
3.9
-
15.5
ns
Propagation Delay,
Any Data to Y
tPLH, tPHL
5
4.4
-
15.4
4.2
-
16.9
ns
Propagation Delay,
Any Select to Y
tPLH, tPHL
5
5.2
-
18.4
5.1
-
20.2
ns
Propagation Delay,
Any Select to Y
tPLH, tPHL
5
5.6
-
19.6
5.4
-
21.6
ns
Propagation Delay,
Any Enable to Y
tPLH, tPHL
5
3.1
-
11
3
-
12.1
ns
Propagation Delay,
Any Enable to Y
tPLH, tPHL
5
3.5
-
12.3
3.4
-
13.5
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
120
-
-
120
-
pF
NOTES:
8. Limits tested at 100%.
9. 3.3V Min at 3.6V, Max at 3V.
10. 5V Min at 5.5V, Max at 4.5V.
11. CPD is used to determine the dynamic power consumption per device.
AC: PD = VCC
2 f
i (CPD + CL)
ACT: PD = VCC
2 f
i (CPD + CL) + VCC ∆ICC where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD74AC151, CD74ACT151



Html Pages

1 2 3 4 5 6 7