전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUT11 데이터시트(PDF) 2 Page - Savantic, Inc.

부품명 BUT11
상세설명  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAVANTIC [Savantic, Inc.]
홈페이지  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BUT11 데이터시트(HTML) 2 Page - Savantic, Inc.

  BUT11 Datasheet HTML 1Page - Savantic, Inc. BUT11 Datasheet HTML 2Page - Savantic, Inc. BUT11 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUT11 BUT11A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BUT11
400
VCEO(SUS)
Collector-emitter
sustaining voltage
BUT11A
IC=0.1A; IB=0, L=25mH
450
V
BUT11
IC=3A; IB=0.6A
VCEsat
Collector-emitter
saturation voltage
BUT11A
IC=2.5A; IB=0.5A
1.5
V
BUT11
IC=3A; IB=0.6A
VBEsat
Base-emitter
saturation voltage
BUT11A
IC=2.5A; IB=0.5A
1.3
V
ICES
Collector cut-off current
VCE=Rated VCES ;VBE=0
Tj=125
1.0
2.0
mA
IEBO
Emitter cut-off current
VEB=9V; IC=0
10
mA
hFE-1
DC current gain
IC=5mA ; VCE=5V
10
35
hFE-2
DC current gain
IC=0.5A ; VCE=5V
10
35
Switching times resistive load
ton
Turn-on time
1.0
µs
ts
Storage time
4.0
µs
tf
Fall time
For BUT11
IC=3A ;IB1=- IB2=0.6A
For BUT11A
IC=2.5A; IB1=- IB2=0.5A
0.8
µs
Switching times inductive load
ts
Storage time
1.4
µs
tf
Fall time
For BUT11
IC=3A ;IB=0.6A
For BUT11A
IC=2.5A ;IB =0.5A
0.15
µs



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com