전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3686 데이터시트(PDF) 2 Page - Savantic, Inc.

부품명 2SC3686
상세설명  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAVANTIC [Savantic, Inc.]
홈페이지  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3686 데이터시트(HTML) 2 Page - Savantic, Inc.

  2SC3686 Datasheet HTML 1Page - Savantic, Inc. 2SC3686 Datasheet HTML 2Page - Savantic, Inc. 2SC3686 Datasheet HTML 3Page - Savantic, Inc. 2SC3686 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3686
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
800
V
VCEsat
Collector-emitter saturation voltage
IC=5A ;IB=1.2A
5
V
VBEsat
Base-emitter saturation voltage
IC=5A ;IB=1.2A
1.5
V
ICES
Collector cut-off current
VCE=1500V; RBE=0
1
mA
IEBO
Emitter cut-off current
VEB=4V; IC=0
1
mA
hFE
DC current gain
IC=1A ; VCE=5V
8
Switching times
tstg
Storage time
3
µs
tf
Fall time
IC=4A; VCC=5V
IB1=0.8A; IB2=-1.6A
0.1
0.2
µs



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com