| 전자부품 데이터시트 검색엔진 |
|
MSP430C325IPM 데이터시트(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430C325IPM 데이터시트(HTML) 13 Page - Texas Instruments |
|
13 / 33 page ![]() MSP430C32x, MSP430P325A MIXED SIGNAL MICROCONTROLLER SLAS219B – MARCH 1999 – REVISED MARCH 2000 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings† Voltage applied at VCC to VSS (see Note 5) –0.3 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage applied to any pin (referenced to VSS) –0.3 V to VCC + 0.3 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Diode current at any device terminal ± 2 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature, Tstg (unprogrammed device) –55 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tstg (programmed device) –40 °C to 85°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 5: All voltage values relative to VSS. recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC (MSP430C32x) 2.5 5.5 V Supply voltage, VCC (MSP430P/E325A) 2.5 5.5 V Supply voltage, during programming OTP/EPROM (AVCC = DVCC = VCC) MSP430P325A, PMS430E325A 4.5 5 5.5 V Supply voltage, VSS 0 V Operating free air temperature range TA MSP430C32x, MSP430P325A –40 85 °C Operating free-air temperature range, TA PMS430E325A 25 °C XTAL frequency, f(XTAL) 32 768 Hz Processor frequency (signal MCLK) f(t ) VCC = 3 V DC 2.2 MHz Processor frequency (signal MCLK), f(system) VCC = 5 V DC 3.3 MHz Low-level input voltage, VIL (excluding Xin, Xout) VSS VSS+0.8 V High-level input voltage, VIH (excluding Xin, Xout) VCC = 3 V/5 V 0.7 VCC VCC V Low-level input voltage, VIL(Xin, Xout) VCC = 3 V/5 V VSS 0.2 ×VCC V High-level input voltage, VIH(Xin, Xout) 0.8 ×VCC VCC V 2.5 3 5 5.5 f(MHz) 3.3 2.2 1.1 VCC (V) VCC – Supply Voltage – V Minimum NOTE: Minimum processor frequency is defined by system clock. Figure 1. Processor Frequency vs Supply Voltage |