전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP320C40 데이터시트(PDF) 27 Page - Texas Instruments

부품명 TMP320C40
상세설명  DIGITAL SIGNAL PROCESSORS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 데이터시트(HTML) 27 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 23Page - Texas Instruments TMP320C40 Datasheet HTML 24Page - Texas Instruments TMP320C40 Datasheet HTML 25Page - Texas Instruments TMP320C40 Datasheet HTML 26Page - Texas Instruments TMP320C40 Datasheet HTML 27Page - Texas Instruments TMP320C40 Datasheet HTML 28Page - Texas Instruments TMP320C40 Datasheet HTML 29Page - Texas Instruments TMP320C40 Datasheet HTML 30Page - Texas Instruments TMP320C40 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H – OCTOBER 1993 – REVISED OCTOBER 2001
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Table 2. SMJ320C40 Die Pad/TAB Lead Information : Rev. 5 (0,72
µm) (Continued)
DIE SIDE #3
C40 DIE BOND
PAD LOCATIONS
DIE/TAB BOND
PAD IDENTITY
X-COORDINATE OF THE
DIE BOND PAD
Y-COORDINATE OF THE
DIE BOND PAD
PITCH OF LEAD
(#, #) REFERENCES WHICH DIE
BOND PADS
163
C0D2
810.00
126.00 (163, 164)
164
C0D1
936.00
126.00 (164, 165)
165
C0D0
1062.00
126.00 (165, 166)
166
CVSS
1188.00
126.00 (166, 167)
167
DVDD
1314.00
156.42 (167, 168)
168
ROMEN
1470.42
152.46 (168, 169)
169
IIOF0
1622.88
126.00 (169, 170)
170
DVSS
1748.88
126.00 (170, 171)
171
IIOF1
1874.88
126.00 (171, 172)
172
IIOF2
2000.88
126.00 (172, 173)
173
IIOF3
2126.88
156.42 (173, 174)
174
NMI
2283.30
152.10 (174, 175)
175
LSTRB0
2435.40
126.00 (175, 176)
176
LR/W0
2561.40
126.00 (176, 177)
177
LPAGE0
2687.40
156.42 (177, 178)
178
LRDY0
2843.82
172.80 (178, 179)
179
LCE0
3016.62
152.10 (179, 180)
180
LSTRB1
3168.72
126.00 (180, 181)
181
LR/W1
3294.72
126.00 (181, 182)
182
DVDD
3420.72
126.00 (182, 183)
183
CVSS
11779 74
3546.72
126.00 (183, 184)
184
LPAGE1
11779.74
3672.72
156.42 (184, 185)
185
LRDY1
3829.14
172.80 (185, 186)
186
LCE1
4001.94
172.80 (186, 187)
187
LDE
4174.74
152.10 (187, 188)
188
TCLK0
4326.84
126.00 (188, 189)
189
TCLK1
4452.84
126.00 (189, 190)
190
H3
4578.84
126.00 (190, 191)
191
H1
4704.84
156.42 (191, 192)
192
LAE
4861.26
152.10 (192, 193)
193
IVSS
5013.36
126.00 (193, 194)
194
LLOCK
5139.36
126.00 (194, 195)
195
LSTAT0
5265.36
126.00 (195, 196)
196
LSTAT1
5391.36
126.00 (196, 197)
197
LSTAT2
5517.36
126.00 (197, 198)
198
LSTAT3
5643.36
127.44 (198, 199)
199
IACK
5770.80
126.00 (199, 200)
200
VDDL
5896.80
126.00 (200, 201)
201
VSSL
6022.80
131.94 (201, 202)
202
X1
6154.74
171.58 (202, 203)
203
X2/CLKIN
6326.28
168.12 (203, 204)
204
CVSS
6494.40
126.00 (204, 205)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62