전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCOCXOVT 데이터시트(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

부품명 SCOCXOVT
상세설명  Ultra Tight Stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
홈페이지  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

SCOCXOVT 데이터시트(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  SCOCXOVT Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND SCOCXOVT Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCOCXOVT Ultra Tight Stability
Oven Controlled Crystal Oscillator
5 V Power Supply
up to 20 MHz
Date :
September 2005
Revision No. : 3
Revision Date : 10-06
Page 1/2
In accordance with our policy of continuous development and improvement,
we reserve the right to modify the design or the specifications of our products without prior notice.
Headquarters:
Micro Crystal
Div. of ETA SA
Mühlestrasse 14
CH-2540 Grenchen
Switzerland
Tel.
Fax
Internet
Email
+41 32 655 82 82
+41 32 655 80 90
www.microcrystal.ch
sales@microcrystal.ch
FREQUENCY STABILITY
OVER:
OPERATING TEMP. RANGE :
see note 1
LONG TERM AGING 1ST YEAR: < ±0.3 ppm *
10 YEARS: < ±2.5 ppm *
SUPPLY VOLTAGE ±
±
±
±
0.2 V
< ±0.1 ppm
(on request, < ±0.025 ppm)
LOAD ±
±
±
±
10%:
< ±0.01 ppm
POWER SUPPLY
SUPPLY INPUT:
Vcc = 5 V ±0.2 V *
INPUT CURRENT :
< 70 mA @ +30 °C *
< 110 mA @ -20 °C *
FREQUENCY CONTROL RANGE
CONTROL VOLTAGE:
see note 2
FREQUENCY DEVIATION:
> ±2.5 ppm *
RESPONSE SLOPE:
positive
OUTPUT
OUTPUT SIGNAL:
HC-MOS compatible
SYMMETRY:
40 (min.) /60 (max.) % @ Vcc / 2 *
RISE AND FALL TIME:
tr < 7ns
tf < 7 ns *
LEVEL „0“ AND „1“:
< 0.4 V
> Vcc –0.5 V
FAN OUT (LOAD):
10 LS
ENVIRONMENT
OPERABLE TEMP. RANGE:
-40 to +85 °C
STORAGE TEMP. RANGE:
-65 to +125 °C
VIBRATION:
10 to 2000 Hz / 10 g
SHOCK:
2000 g, 0.3 ms, ½ sine
PACKAGE:
DIL 14, 4 pins, GND to case
PACKAGE HEIGHT:
8 mm
(see packaging info)
WARM-UP
∆
∆
∆
∆
F/F:
within spec after 60s @ 30°C *
CURRENT:
< 250 mA during 10s
MISCELLANEOUS
SHORT TERM STABILITY:
< 1 E-10 0.1 s to 30 s
< 5 E-11 @ 1 s
PHASE NOISE (BW = 1Hz):
(typical, @ 10MHz in static
conditions)
1
Hz: - 70 dBc / Hz
10 Hz: -100 dBc / Hz
100 Hz: -130 dBc / Hz
1 kHz: -140 dBc / Hz
*
Customer’s specification on request
NOTE 1
SCOCXOVT-AR1, AV5
TEMP. RANGE *
0 to +60 °C
STABILITY *
±
0.025 ppm
(0.05 ppm peak to peak)
SCOCXOVT-BR1, BV5
TEMP. RANGE *
-20 to +70 °C
STABILITY *
±
0.05 ppm
(0.1 ppm peak to peak)
SCOCXOVT-CR1, CV5
TEMP. RANGE *
-40 to +85 °C
STABILITY *
±
0.1 ppm
(0.2 ppm peak to peak)
NOTE 2
SCOCXOVT-AR1, BR1, CR1
ADJUSTMENT
WITH RESISTOR
0 to 10 kΩ
(connected to ground)
INPUT IMPEDANCE
> -4.7 kΩ
SCOCXOVT-AV5, BV5, CV5
ADJUSTMENT
WITH VOLTAGE
0.5 to 5 V
INPUT IMPEDANCE
> 47 kΩ
MARKING EXAMPLE
SCOCXOVT-BV5
Type
Spec No.
20.000 MHz
01.25
Frequency
Date Code
12
(PIN 1)
Piece No.
ORDERING INFORMATION EXAMPLE
V T
Oscillator Type
x x x
N°of
customer
spec.
SCOCXO = Low g sensitivity
Oven Controlled
Crystal Oscillator
Frequency Adjustment
V 5
-
B
Temperature Range
A =
0 to +60°C; +/-0.025ppm
B = -20 to +70°C: +/-0.05ppm
C = -40 to +85°C; +/-0.1ppm
X = custom spec.
R1 = external resistor
V5 = voltage 5V
Y
= custom spec.
O
C
O
X
20 MHz
Oscillator output
frequency
Oscillator Version
V = low power voltage 5V
T = tight tolerance
C
S
STANDARD FREQUENCIES (MHz)
10.0000
12.8000
16.0000
16.3840
19.4400
20.0000


유사한 부품 번호 - SCOCXOVT

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
556Kb / 5P
5V Tight Stability OCXO with CMOS Output
SCOCXOVT-AR1 GOLLEDGE-SCOCXOVT-AR1 Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
SCOCXOVT-BV5 GOLLEDGE-SCOCXOVT-BV5 Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
SCOCXOVT GOLLEDGE-SCOCXOVT_18 Datasheet
556Kb / 5P
5V Tight Stability OCXO with CMOS Output
More results

유사한 설명 - SCOCXOVT

제조업체부품명데이터시트상세설명
logo
MICORO CRYSTAL SWITZERL...
SCOCXOT MICROCRYSTAL-SCOCXOT Datasheet
82Kb / 2P
Ultra Tight Stability
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503 Datasheet
92Kb / 3P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD01612-4 PETERMANN-SMD01612-4 Datasheet
78Kb / 1P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
SMD02502-4 PETERMANN-SMD02502-4 Datasheet
73Kb / 2P
TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
logo
EUROQUARTZ limited
T1178 EUROQUARTZ-T1178 Datasheet
70Kb / 1P
Tight Temperature Stability
T1215 EUROQUARTZ-T1215 Datasheet
110Kb / 1P
Hermetically-sealed, Tight Stability
ZT600 EUROQUARTZ-ZT600 Datasheet
77Kb / 1P
Tight Temperature Stability
logo
Golledge Electronics Lt...
GTXO-253T GOLLEDGE-GTXO-253T Datasheet
582Kb / 5P
1.8V ~ 3.6V Ultra-tight Stability TCXO for GPS
GTXO-253V GOLLEDGE-GTXO-253V Datasheet
581Kb / 5P
1.8V ~ 3.6V Ultra-tight Stability VCTCXO for GPS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com