| 전자부품 데이터시트 검색엔진 |
|
SN28837FS 데이터시트(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN28837FS 데이터시트(HTML) 16 Page - Texas Instruments |
|
16 / 18 page ![]() SN28837 1/2-INCH PAL TIMER SOCS031B – JULY 1991 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 V Counter (see Note A) n n+1 n+2 m m+1 m+2 m+3 16 17 n+3 CLK 1H = 64 µs 18 19 n+4 m m+1 m+2 m+3 16 17 18 19 VCR V Counter (see Note A) CLK VCR Reset Window NOTE A: The V counter is preset to the value 16 when VCR changes from low to high. Figure 13. Operation of VCR |