| 전자부품 데이터시트 검색엔진 |
|
SN54LS147W 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54LS147W 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 22 page ![]() SN54147, SN54148, SN54LS147, SN54LS148 SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148 10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS SDLS053B − OCTOBER 1976 − REVISED MAY 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information These TTL encoders feature priority decoding of the inputs to ensure that only the highest-order data line is encoded. The ’147 and ’LS147 devices encode nine data lines to four-line (8-4-2-1) BCD. The implied decimal zero condition requires no input condition, as zero is encoded when all nine data lines are at a high logic level. The ’148 and ’LS148 devices encode eight data lines to three-line (4-2-1) binary (octal). Cascading circuitry (enable input EI and enable output EO) has been provided to allow octal expansion without the need for external circuitry. For all types, data inputs and outputs are active at the low logic level. All inputs are buffered to represent one normalized Series 54/74 or 54/74LS load, respectively. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74LS148N SN74LS148N 0 °C to 70°C SOIC − D Tube SN74LS148D LS148 0 °C to 70°C SOIC − D Tape and reel SN74LS148DR LS148 SOP − NS Tape and reel SN74LS148NSR 74LS148 CDIP − J Tube SNJ54LS148J SNJ54LS148J −55 °C to 125°C CFP − W Tube SNJ54LS148W SNJ54LS148W −55 C to 125 C LCCC − FK Tube SNJ54LS148FK SNJ54LS148FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE − ’147, ’LS147 INPUTS OUTPUTS 1 2 3 4 5 6 7 8 9 D C B A H H H H H H H H H H H H H X XX XX XX X L L HH L X XX XX XX L H L HH H X XX XX X L H H H LL L X XX XX L H H H H LL H X X X X L HH HH H LH L X X X L H HH HH H LH H X X L HH HH HH H HL L X L H HH HH HH H HLH L H H H H H H H H H H H L H = high logic level, L = low logic level, X = irrelevant |