| 전자부품 데이터시트 검색엔진 |
|
SN74LS221DBR 데이터시트(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS221DBR 데이터시트(HTML) 12 Page - Texas Instruments |
|
12 / 23 page ![]() SN54221, SN54LS221, SN74221, SN74LS221 DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS SDLS213B − DECEMBER 1983 − REVISED NOVEMBER 2004 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION tPHL tPLH tPLH tPHL 3 V 3 V 0 V 0 V th tsu VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Timing Input Data Input High-Level Pulse Low-Level Pulse tw VOLTAGE WAVEFORMS PULSE DURATIONS Input Out-of-Phase Output 3 V 0 V VOL VOH VOH VOL In-Phase Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES LOAD CIRCUIT FOR BI-STATE TOTEM-POLE OUTPUTS (see Note B) VCC RL From Output Under Test CL = 15 pF (see Note A) Test Point NOTES: A. CL includes probe and jig capacitance. B. All diodes are 1N3064 or equivalent. C. In the examples above, the phase relationships between inputs and outputs have been chosen arbitrarily. D. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO ≈ 50 Ω and, for SN54/74221, tr ≤ 7 ns, tf ≤ 7 ns, for SN54/74LS221, tr ≤ 15 ns, tf ≤ 6 ns. E. All measurements are made between the 1.5-V points of the indicated transitions for the SN54/74221 or between the 1.3-V points for the SN54/74LS221. Figure 2. Load Circuits and Voltage Waveforms |