전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR601S 데이터시트(PDF) 2 Page - MIC GROUP RECTIFIERS

부품명 FR601S
상세설명  FAST RECOVER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIC [MIC GROUP RECTIFIERS]
홈페이지  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

FR601S 데이터시트(HTML) 2 Page - MIC GROUP RECTIFIERS

  FR601S Datasheet HTML 1Page - MIC GROUP RECTIFIERS FR601S Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FR601S THRU FR607S
CURRENT
6.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
6.0
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
4.0
50
2.0
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
AMBIENT TEMPERATURE, (
° C)
100
1000
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
1.0
0.1
10
REVERSE VOLTAGE,(V)
TJ=25
° C F=1MHz
0.375"(9.5mm)Lead Length
Vsig=50mVp-p
RATING AND CHRACTERISTIC CURVES FR601S THRU FR607S
0.01
j
T =25
° C
120
140
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0
20
0.1
1.0
100
60
40
80
10
T =100
° C
100
2.0
1.8
1.6
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.1
1.0
10
Pulse Width=300us
1% Duty Cycle
0.6
0.8
1.0
1.2
Tj =25
° C
1.4
FORWARD CHARACTERISTICS
FIG.3-TYPICAL INSTANTANEOUS
1000
80
4
6
40
FORWARD SURGE CURRENT
(JEDEC Method) Tj=Tjmax
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
0
1
200
300
28
10
20
60
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
j
100
70
60
50
30
40
20
10
0
0
0.2
0.4
0.6
0.8
1.0
FIG.6-TYPICAL THERMAL RESISTANCE
VS LEAD LENGTH
Single Lead to heat Sinl
Insignificant Heat Flow
Throrgh Other Lead
Both Leads to Heat Sinl,
Equal Length
1 Cycle
EQUAL LEAD LENGTH TO HEAT SINK(IN)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com