전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RS3K 데이터시트(PDF) 2 Page - MIC GROUP RECTIFIERS

부품명 RS3K
상세설명  SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIC [MIC GROUP RECTIFIERS]
홈페이지  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RS3K 데이터시트(HTML) 2 Page - MIC GROUP RECTIFIERS

  RS3K Datasheet HTML 1Page - MIC GROUP RECTIFIERS RS3K Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT FAST RECOVERY RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
RS3A THRU RS3M
CURRENT
3.0 Ampere
F1G.1-FORWARD CURRENT
3.0
FORWARD SURGE CURRENT
F1G.2-MAXIMUM NON-REPETITIVE PEAK
Resistive or Inductive Load
Copper Pad Areas
0.3X0.3
″(8.0X8.0mm)
P.C.B mounted
L
NUMBER OF CYCLES AT 60Hz
100
10
1
150
(JEDEC Method)
8.3ms Single Half Sine-Wave
T =100℃
DERATING CURVE
2.5
0
1.0
2.0
1
50
100
150
200
125
100
75
50
25
0
T =125℃
J
J
T =75℃
T =25℃
J
0
40
60
80
100
20
1.0
10
100
0.1
0.01
J
T =125℃
T =25℃
J
Pulse Width=300us
1% Duty Cycle
J
T =25℃
100
0.1
1.0
10
0
0.6
0.8
1.0
1.2
2.0
1.8
1.6
1.4
LEAD TEMPERATURE,()
℃
FORWARD CHARACTERISTICS
F1G.3-TYPICAL INSTANTANEOUS
F1G.4-TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
Mounted on
0.20X0.27
″(5.0X7.0mm)
Copper Land Areas
RS3A-RS3B
RS3J-RS3K
F1G.5-TYPICAL JUNCTION CAPACITANCE
F1G.6-TRANSIENT THERMAL IMPEDANCE
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
100
10
1
100
10
1
0.1
0
10
1.0
0.1
100
1.0
10
100
T, PULSE DURATION, (SEC.)
REVRESE VOLTAGE, (V)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com