| 전자부품 데이터시트 검색엔진 |
|
SN54AS74AFK 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN54AS74AFK 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 7 page ![]() SN54ALS74A, SN54AS74A, SN74ALS74A, SN74AS74A DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET SDAS143C – APRIL 1982 – REVISED AUGUST 1995 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic symbol† S 4 3 1CLK 1D 2 1D R 1 1Q 5 6 C1 10 11 2CLK 12 2D 13 2Q 9 8 1PRE 2PRE 1CLR 2CLR 1Q 2Q † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. logic diagram (positive logic) PRE CLR Q Q CLK D absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡ Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range, TA: SN54ALS74A – 55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ALS74A 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. |