| 전자부품 데이터시트 검색엔진 |
|
CTX410805-R 데이터시트(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CTX410805-R 데이터시트(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 4 page ![]() Part Power TR1 TR2 Lpri Vpri Isec DCRpri DCRsec Schematic Mechanical Number Watts Ns/Np Np/FB μH Volts mA max Ω max Ω max Reference Reference CTX110652-R 2.5 67 6 43 20 5 0.220 285 A A CTX110655-R 2.5 67 6 43 20 5 0.220 285 B A CTX110657-R 2.5 86 2 26 15 5 0.212 285 B A CTX110659-R 2.5 100 4 19 13 5 0.190 285 B A CTX210652-R 2.5 67 6 43 20 5 0.220 285 A C CTX210655-R 2.5 67 6 43 20 5 0.220 285 B C CTX210657-R 2.5 86 2 26 15 5 0.212 285 B C CTX210659-R 2.5 100 4 19 13 5 0.190 285 B C CTX210403-R 4.00 50 6 44 26 7 0.220 165 C B CTX210407-R 4.00 86 4.7 27 15 7 0.160 220 C B CTX210409-R 4.00 100 4 20 13 7 0.160 220 C B CTX210411-R 4.00 125 4 20 10 7 0.160 330 C B CTX310403-R 4.00 50 6 44 26 7 0.220 165 C D CTX310407-R 4.00 86 4.7 27 15 7 0.160 220 C D CTX310409-R 4.00 100 4 20 13 7 0.160 220 C D CTX310411-R 4.00 125 4 20 10 7 0.160 330 C D CTX110600-R 6.00 67 6 44 20 12 0.160 176 D E CTX110603-R 6.00 50 6 44 26 12 0.160 132 C E CTX110605-R 6.00 67 6 44 20 12 0.160 176 C E CTX110607-R 6.00 86 4.7 27 15 12 0.132 176 C E CTX110609-R 6.00 100 6 20 13 12 0.132 176 C E CTX110611-R 6.00 125 4 20 13 12 0.132 291 C E CTX210600-R 6.00 67 6 44 20 12 0.160 176 D F CTX210603-R 6.00 50 6 44 26 12 0.160 132 C F CTX210605-R 6.00 67 6 44 20 12 0.160 176 C F CTX210607-R 6.00 86 4.7 27 15 12 0.132 176 C F CTX210609-R 6.00 100 6 20 13 12 0.132 176 C F CTX210611-R 6.00 125 4 20 13 12 0.132 291 C F CTX410805-R 14.00 67 5 24 30 30 0.030 262 F G CTX410807-R 14.00 86 4 16 23 30 0.024 272 F G CTX410809-R 14.00 100 4 16 23 30 0.024 314 F G Full primary turns used in turns ratio calculation. Ns/Np= Turns Secondary/Turns Primary. Np/FB= Turns Primary/FeedBack Winding. Mechanical References A B |