전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N7002DW 데이터시트(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

부품명 2N7002DW
상세설명  Small Signal MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002DW 데이터시트(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2N7002DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
W
Small Signal MOSFET
115 mAMPS, 60VOLTS, RDS(on)=7.5
2N7002DW
TYPICAL ELECTRICAL CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
V = 10V
GS
9.0V
8.0V
7.0V
6.5V
6.0V
5.0V
4.5V
4.0V
3.5V
3.0V
2.5V
2.0/1.0V
5.5V
5.0V
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 On-Region Characteristics
0
1
2
3
4
5
00.2
I , DRAIN CURRENT (A)
D
Fig. 2 On-Resistance vs Drain Current
V= 5.0V
GS
T= 25°C
j
V
= 10V
GS
6
7
0.4
0.6
0.8
1.0
0
0.5
1.0
1.5
2.0
-55
-30
-5
20
45
70
95
120 145
T , JUNCTION TEMPERATURE (°C)
j
Fig. 3 On-Resistance vs Junction Temperature
VGS = 10V, I =
D
0.5A
V
= 5.0V, I = 0.05A
GS
D
0
V , GATE TO SOURCE VOLTAGE (V)
GS
Fig. 4 On-Resistance vs. Gate-Source Voltage
I = 50mA
D
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618
I = 500mA
D
01-J
an-2006 Rev. B
Page
3 of 3



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com