전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SB772 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 2SB772
상세설명  PNP Type Plastic Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB772 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB772 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SB772 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-Jun-2005 Rev. B
Page 1 of
2
01
Elektronische Bauelemente
2SB772
PNP Type
Features
* Power Dissipation:
PCM: 625 mW (Tamb=25 C)
MAXIMUM RATINGS* TA=25
unless otherwise noted
Symbol
meter
Para
Value
Units
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-6
V
IC
Collector Current –Continuous
-3
A
PC
Collector Dissipation
0.625
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55~150
C
o
C
o
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
o
Plastic Encapsulate Transistors
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-100μA ,IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= -10 mA , IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100 μA,IC=0
-6
V
Collector cut-off current
ICBO
VCB= -40 V , IE=0
-1
μ
A
Collector cut-off current
ICEO
VCE=-30 V , IB=0
-10
μ
A
Emitter cut-off current
IEBO
VEB=-6V ,
IC=0
-1
μ
A
hFE(1)
VCE= -2V, IC= -1A
60
400
DC current gain
hFE(2)
VCE=-2V, IC= -100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB= -0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB= -0.2A
-1.5
V
Transition frequency
f T
VCE= -5V, IC=-0.1A
f = 10MHz
50
MHz
CLASSIFICATION OF hFE(1)
Rank
R
O
Y
GR
Range
60-120
100-200
160-320
200-400
4.55±0.2
3.5±0.2
2.54±0.1
(1.27 Typ.)
0.46+0.1
–0.1
0.43+0.08
–0.07
1
3
2
1: Emitter
2: Collector
3: Base
1.25–0.2
+0.2
TO-92
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


유사한 부품 번호 - 2SB772

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
46Kb / 2P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
NEC
2SB772 NEC-2SB772 Datasheet
272Kb / 3P
PNP SILICON POWER TRANSISTOR
logo
Weitron Technology
2SB772 WEITRON-2SB772 Datasheet
263Kb / 5P
PNP/NPN Epitaxial Planar Transistors
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772 Datasheet
90Kb / 8P
PNP MEDIUM POWER TRANSISTOR
09-Sep-2005
logo
First Components Intern...
2SB772 FCI-2SB772 Datasheet
177Kb / 3P
PNP EPITASIAL SILICON TRANSISTOR
More results

유사한 설명 - 2SB772

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
2SB649 SECOS-2SB649 Datasheet
258Kb / 2P
PNP Type Plastic Encapsulate Transistors
B772 SECOS-B772 Datasheet
384Kb / 2P
PNP Type Plastic Encapsulate Transistors
BC636 SECOS-BC636 Datasheet
221Kb / 2P
PNP Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
CZD772 SECOS-CZD772 Datasheet
295Kb / 3P
PNP Type Plastic Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com