전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP20200 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SP20200
상세설명  20.0 AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SP20200 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SP20200 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SP20200 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SP20200
20.0 AMP Schottky Barrier Rectifiers
VOLTAGE 200V
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
. Polarity: As Marked
. Mounting position: Any
. Weight: 2.24 grams(Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SP20200
UNITS
Maximum Recurrent Peak Reverse Voltage
200
V
Working Peak Reverse Voltage
200
V
Maximum DC Blocking Voltage
200
V
Maximum Average Forward Rectified Current,
See Fig. 1
20.0
A
Peak Forward Surge Current, 8.3 ms single half Sine-wave
superimposed on rated load (JEDEC method)
180
A
Maximum Instantaneous Forward Voltage (IF = 10 Amps, TA = 25
)
0.95
Maximum Instantaneous Forward Voltage (IF = 10 Amps, TA = 125
)
C
C
O
O
0.80
V
Maximum DC Reverse Current Ta=25
0.02
At Rated DC Blocking Voltage Ta=125
10
mA
Typical Junction Capacitance (Note 1)
350
pF
Typical Thermal Resistance R J
A (Note 2)
2.0
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
o
2.8
0.3
4.5
0.2
0.5
0.2
2.6
0.2
2.54
0.2
0.7
0.2
2.54
0.2
1.3
0.2
10
0.5
3.2
0.2
0.1
PIN 1
PIN 3
PIN 2
CASE
ITO-220
Dimensions in millimeters
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


유사한 부품 번호 - SP20200

제조업체부품명데이터시트상세설명
logo
Jinan Jing Heng Electro...
SP20200 JINGHENG-SP20200 Datasheet
505Kb / 3P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
SP20200 SHUNYE-SP20200 Datasheet
1Mb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
V2.22
logo
PACELEADER INDUSTRIAL
SP20200C PACELEADER-SP20200C Datasheet
491Kb / 2P
20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
More results

유사한 설명 - SP20200

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SP20250 SECOS-SP20250 Datasheet
103Kb / 2P
20.0 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBR20L100CT TSC-MBR20L100CT Datasheet
260Kb / 2P
20.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SBR2045F SECOS-SBR2045F_10 Datasheet
143Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_10 Datasheet
154Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF20150CT GWSEMI-SRF20150CT Datasheet
71Kb / 2P
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
MBR2060 SECOS-MBR2060_15 Datasheet
201Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
MBR20100F SECOS-MBR20100F_15 Datasheet
223Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SBR20200 SECOS-SBR20200_15 Datasheet
286Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_15 Datasheet
304Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
SP20150R SECOS-SP20150R_15 Datasheet
289Kb / 2P
20.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com