전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS2030 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SS2030
상세설명  20AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SS2030 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SS2030 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SS2030 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
SS2020 THRU SS20100
VOLTAGE 20V ~ 100V
20AMP Schottky Barrier Rectifiers
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guaranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
700
150
125
460
280
20
1 5
150
20
20
20
SS2020
30
30
30
SS2030
40
40
40
SS2040
60
60
60
SS2060
80
80
80
SS2080
100
100
100
SS20100
0.65
0.83
0.52
0.45
-50
+150
-65
+175
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 Cambient temperature unless otherwise specified.
Single phase half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
TYPENUMBER
MaximumRecurrent Peak Reverse Voltage
Working Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig.1
Peak Forward Surge Current,8.3 ms single half sine-wave
superimposed on rated load (JEDECmethod)
Maximum Instantaneous Forward Voltage at
10.0A
Maximum DCReverse Current
Ta=25 C
at Rated DCBlocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
3.0
V
V
A
A
V
mA
mA
pF
UNITS
V
Operating Temperature Range TJ
Storage Temperature Range TSTG
Typical Thermal Resistance R
θJC (Note 1)
C/W
C
C
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.412
.248
.040
.180
.050
.120
.158
.595
.550
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE T HR U
+
+
+
P IN 1
P IN 1
P IN 2
P IN 2
C AS E
C AS E
C ase P ositive
C ase Negative
S uffix "R "
TO-220A
01-Jun-2002 Rev. A
Page 1 of 2
~
~
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


유사한 부품 번호 - SS2030

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SS2030DSN PANJIT-SS2030DSN Datasheet
272Kb / 5P
Surface Mount Schottky Barrier Rectifier
December 29,2023 SS2030DSN-REV.01
logo
Diotech Company.
SS2030FL DIOTECH-SS2030FL Datasheet
691Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS2030FL PANJIT-SS2030FL Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SS2030FL TAYCHIPST-SS2030FL Datasheet
3Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SS2030FL SAMYANG-SS2030FL Datasheet
976Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS2030

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
20Amp schottky barrier rectifier 20to100 volts
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100AFP CYSTEKEC-MBR20100AFP Datasheet
263Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20100BE3 CYSTEKEC-MBR20100BE3 Datasheet
152Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20150E3 CYSTEKEC-MBR20150E3 Datasheet
243Kb / 5P
20Amp. Schottky Barrier Rectifiers
MBR20150FP CYSTEKEC-MBR20150FP Datasheet
163Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200E3 CYSTEKEC-MBR20200E3 Datasheet
160Kb / 4P
20Amp. Schottky Barrier Rectifiers
MBR20200FP CYSTEKEC-MBR20200FP Datasheet
221Kb / 4P
20Amp. Schottky Barrier Rectifiers
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR2040D SECOS-MBR2040D Datasheet
185Kb / 2P
20Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com