전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS22AFW 데이터시트(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 MS22AFW
상세설명  Miniature Slides
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MS22AFW 데이터시트(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  MS22AFW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MS22AFW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MS22AFW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MS22AFW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MS22AFW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MS22AFW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MS22AFW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Miniature Slides
Series MS
Distinctive Characteristics
Available in flat frame and bracketed PC mounting types.
Over-center actuator block and plunger design gives crisp
actuation with clear indication of circuit status; this design
also diminishes sparking and increases operating life.
Guide interlocked with actuator block prevents
window locking and maintains correct plunger
alignment to assure contact stability.
Antijamming design protects contacts from
damage due to excessive downward force
on the actuator.
High internal barriers between poles and
insulating sheet between case and actuator
block give added protection to contacts.
Specially composed silver alloy contacts for
power applications or gold contacts for logic
level applications give high contact reliability.
Prominent external insulating barriers increase
insulation resistance and dielectric strength.
Epoxy sealed terminals prevent entry of flux, solvents,
and other contaminants.
Clinching of frame to case well above base and terminals provides
1,500V dielectric strength.
Actual Size


유사한 부품 번호 - MS22AFW

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MS22 MOSPEC-MS22 Datasheet
234Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Weitron Technology
MS22 WEITRON-MS22 Datasheet
452Kb / 3P
Surface Mount Schottky Power Rectifier
logo
Kwang Myoung I.S. CO.,L...
MS22 KISEMICONDUCTOR-MS22 Datasheet
5Mb / 2P
Schottky Bridge Rectifier
logo
List of Unclassifed Man...
MS220 ETC2-MS220 Datasheet
233Kb / 2P
Power Film Resistors
logo
Zibo Seno Electronic En...
MS220 ZSELEC-MS220 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
More results

유사한 설명 - MS22AFW

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
AS11AP NKK-AS11AP Datasheet
198Kb / 5P
Subminiature Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
Miniature Power Rated Slides
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
Ultra-Miniature SMT DIP Slides
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
Ultra-Miniature SMT Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
General Devices ChassisTrak Slides
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com