| 전자부품 데이터시트 검색엔진 |
|
ND3FC10P-R 데이터시트(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
ND3FC10P-R 데이터시트(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
7 / 7 page ![]() NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com 11-07 8mm Process Sealed SMT DIP Rotaries Series ND3 For Upright & Upright with Bracket (Codes P & B with K Actuator) Each tape-reel of 530 pockets contains 500 switches Minimum Leader Length: 9.05” (230mm) Minimum Trailer Length: 6.30” (160mm) PACKAGING (CONTINUED) For Right Angle (Code H with F or K Actuator) Each tape-reel of 550 pockets contains 500 switches Minimum Leader Length: 9.05” (230mm) Minimum Trailer Length: 6.30” (160mm) For Upright & Upright with Bracket (Codes P & B with F Actuator) Each tape-reel of 550 pockets contains 500 switches Minimum Leader Length: 9.05” (230mm) Minimum Trailer Length: 6.30” (160mm) Reel Dimensions Tape Dimensions (13.0) Dia .512 (2.0) Typ .079 (21.0) Dia .827 Overall Dia (330.0) 13.0 (78.49) Dia 3.090 (2.0) .079 (24.4) .961 Direction of Feed (1.5) Dia Typ .059 (4.0) Typ .157 (16.0) Typ .630 (2.0) Typ .079 (1.75) .069 (11.5) .453 (24.0) .945 (10.35) Typ .4075 7 8 (5.5) .217 (6.1) .240 (10.6) .417 (0.5) .020 (78.49) Dia 3.090 (2.0) .079 (24.4) .961 (13.0) Dia .512 (2.0) Typ .079 (21.0) Dia .827 Overall Dia (330.0) 13.0 Direction of Feed (4.0) Typ .157 (16.0) Typ .630 (2.0) Typ .079 (1.75) .069 (11.5) .453 (24.0) .945 (10.35) Typ .4075 3456 (1.5) Dia Typ .059 (8.6) .339 (9.3) .366 (10.6) .417 (0.5) .020 (13.0) Dia .512 (2.0) Typ .079 (21.0) Dia .827 Overall Dia (330.0) 13.0 (78.49) Dia 3.090 (2.0) .079 (24.4) .961 (8.1) .319 (8.7) .343 (10.7) .421 (0.5) .020 (24.0) .945 (16.0) Typ .630 (11.5) .453 Direction of Feed (6.3) Typ .248 (4.0) Typ .157 (10.9) Typ .429 (2.0) Typ .079 (1.75) .069 (1.5) Dia Typ .059 Reel Dimensions Tape Dimensions Reel Dimensions Tape Dimensions |