| 전자부품 데이터시트 검색엔진 |
|
SN74LS07DBRG4 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS07DBRG4 데이터시트(HTML) 1 Page - Texas Instruments |
|
1 / 11 page ![]() The SN54LS07 and SN74LS17 are obsolete and are no longer supplied. SN54LS07, SN74LS07, SN74LS17 HEX BUFFERS/DRIVERS WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS SDLS021C − MAY 1990 − REVISED FEBRUARY 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Convert TTL Voltage Levels to MOS Levels D High Sink-Current Capability D Input Clamping Diodes Simplify System Design D Open-Collector Driver for Indicator Lamps and Relays description/ordering information These hex buffers/drivers feature high-voltage open-collector outputs to interface with high-level circuits or for driving high-current loads. They are also characterized for use as buffers for driving TTL inputs. The ’LS07 devices have a rated output voltage of 30 V, and the SN74LS17 has a rated output voltage of 15 V. The maximum sink current is 30 mA for the SN54LS07 and 40 mA for the SN74LS07 and SN74LS17. These circuits are compatible with most TTL families. Inputs are diode-clamped to minimize transmission-line effects, which simplifies design. Typical power dissipation is 140 mW, and average propagation delay time is 12 ns. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74LS07N SN74LS07N SOIC − D Tube SN74LS07D LS07 0 °C to 70°C SOIC − D Tape and reel SN74LS07DR LS07 0 C to 70 C SOP − NS Tape and reel SN74LS07NSR 74LS07 SSOP − DB Tape and reel SN74LS07DBR LS07 † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. logic diagram (positive logic) 1A 2A 3A 4A 5A 6A 1Y 2Y 3Y 4Y 5Y 6Y 1 3 5 9 11 13 2 4 6 8 10 12 Copyright 2004, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y SN54LS07 ...J PACKAGE SN74LS07, SN74LS17 . . . D, DB, N, OR NS PACKAGE (TOP VIEW) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74LS07DBRG4 |
|
유사한 설명 - SN74LS07DBRG4 |