| 전자부품 데이터시트 검색엔진 |
|
CDK1308DILP40 데이터시트(PDF) 1 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CDK1308DILP40 데이터시트(HTML) 1 Page - Cadeka Microcircuits LLC. |
|
1 / 14 page ![]() ADVANCE Data Sheet ©2008 CADEKA Microcircuits LLC www.cadeka.com Amplify the Human Experience CDK1308 Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs) F E A T U R E S n 10-bit resolution n 20/40/65/80MSPS max sampling rate n Ultra-Low Power Dissipation: 15/25/38/46mW n 61.6dB SNR at 8MHz FIN n Internal reference circuitry n 1.8V core supply voltage n 1.7 – 3.6V I/O supply voltage n Parallel CMOS output n 40-pin QFN package n Pin compatible with CDK1307 A P P L I C A T I O N S n Medical Imaging n Portable Test Equipment n Digital Oscilloscopes n IF Communication General Description The CDK1308 is a high performance ultra low power analog-to-digital converter (ADC). The ADC employs internal reference circuitry, a CMOS control interface and CMOS output data, and is based on a proprietary structure. Digital error correction is employed to ensure no missing codes in the complete full scale range. Two idle modes with fast startup times exist. The entire chip can either be put in Standby Mode or Power Down mode. The two modes are optimized to allow the user to select the mode resulting in the smallest possible energy consumption during idle mode and startup. The CDK1308 has a highly linear THA optimized for frequencies up to Nyquist. The differential clock interface is optimized for low jitter clock sources and supports LVDS, LVPECL, sine wave, and CMOS clock inputs. Functional Block Diagram Ordering Information Part Number Speed Package Pb-Free RoHS Compliant Operating Temperature Range Packaging Method CDK1308AILP40 20MSPS QFN-40 Yes Yes -40°C to +85°C Tray CDK1308BILP40 20MSPS QFN-40 Yes Yes -40°C to +85°C Tray CDK1308CILP40 65MSPS QFN-40 Yes Yes -40°C to +85°C Tray CDK1308DILP40 80MSPS QFN-40 Yes Yes -40°C to +85°C Tray Moisture sensitivity level for all parts is MSL-3. 10 |
유사한 부품 번호 - CDK1308DILP40 |
|
유사한 설명 - CDK1308DILP40 |