전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLC1004IST6X 데이터시트(PDF) 18 Page - Cadeka Microcircuits LLC.

부품명 CLC1004IST6X
상세설명  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CADEKA [Cadeka Microcircuits LLC.]
홈페이지  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1004IST6X 데이터시트(HTML) 18 Page - Cadeka Microcircuits LLC.

Back Button CLC1004IST6X Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 16Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 17Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 18Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 19Page - Cadeka Microcircuits LLC. CLC1004IST6X Datasheet HTML 20Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
18
ROUT1
RF1
RIN1
RG1
IN1
OUT1
Board Mounting Holes
ROUT3
RF3
RIN3
RG3
IN3
OUT3
ROUT2
RF2
RIN2
RG2
IN2
OUT2
DIS
14
14
14
15
1
2
12
4
5
3,6,9
16,13,11
10
7
8
Figure 12. CEB012 Schematic
Figure 13. CEB012 Top View
Figure 14. CEB012 Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com