| 전자부품 데이터시트 검색엔진 |
|
CLC1004IST6 데이터시트(PDF) 15 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CLC1004IST6 데이터시트(HTML) 15 Page - Cadeka Microcircuits LLC. |
|
15 / 20 page ![]() Data Sheet ©2007-2008 CADEKA Microcircuits LLC www.cadeka.com 15 Application Information Basic Operation Figures 1 and 2 illustrate typical circuit configurations for non-inverting, inverting, and unity gain topologies for dual supply applications. They show the recommended bypass capacitor values and overall closed loop gain equations. + - Rf 0.1μF 6.8μF Output G = 1 + (Rf/Rg) Input +Vs -Vs Rg 0.1μF 6.8μF RL Figure 1. Typical Non-Inverting Gain Circuit Figure 2. Typical Inverting Gain Circuit Power Dissipation Power dissipation should not be a factor when operating under the stated 1000 ohm load condition. However, ap- plications with low impedance, DC coupled loads should be analyzed to ensure that maximum allowed junction temperature is not exceeded. Guidelines listed below can be used to verify that the particular application will not cause the device to operate beyond it’s intended operat- ing range. Maximum power levels are set by the absolute maximum junction rating of 150°C. To calculate the junction tem- perature, the package thermal resistance value ThetaJA (ӨJA) is used along with the total die power dissipation. TJunction = TAmbient + (ӨJA × PD) Where TAmbient is the temperature of the working environment. In order to determine PD, the power dissipated in the load needs to be subtracted from the total power delivered by the supplies. PD = Psupply - Pload Supply power is calculated by the standard power equa- tion. Psupply = Vsupply × IRMS supply Vsupply = VS+ - VS- Power delivered to a purely resistive load is: Pload = ((VLOAD)RMS2)/Rloadeff The effective load resistor (Rloadeff) will need to include the effect of the feedback network. For instance, Rloadeff in figure 3 would be calculated as: RL || (Rf + Rg) These measurements are basic and are relatively easy to perform with standard lab equipment. For design purposes however, prior knowledge of actual signal levels and load impedance is needed to determine the dissipated power. Here, PD can be found from PD = PQuiescent + PDynamic - PLoad Quiescent power can be derived from the specified IS val- ues along with known supply voltage, VSupply. Load power can be calculated as above with the desired signal ampli- tudes using: (VLOAD)RMS = VPEAK / √2 ( ILOAD)RMS = ( VLOAD)RMS / Rloadeff The dynamic power is focused primarily within the output stage driving the load. This value can be calculated as: PDYNAMIC = (VS+ - VLOAD)RMS × ( ILOAD)RMS Assuming the load is referenced in the middle of the pow- er rails or Vsupply/2. Figure 3 shows the maximum safe power dissipation in the package vs. the ambient temperature for the pack- ages available. + - Rf 0.1μF 6.8μF Output G = - (Rf/Rg) For optimum input offset voltage set R1 = Rf || Rg Input +Vs -Vs 0.1μF 6.8μF RL Rg R1 |