| 전자부품 데이터시트 검색엔진 |
|
CLC1050 데이터시트(PDF) 1 Page - Cadeka Microcircuits LLC. |
|
|
|||||||||||||||||||||||||||||
CLC1050 데이터시트(HTML) 1 Page - Cadeka Microcircuits LLC. |
|
1 / 17 page ![]() Data Sheet ©2007-2009 CADEKA Microcircuits LLC www.cadeka.com Comlinear® CLC1050, CLC2050, CLC4050 Low Power, 3V to 36V, Single, Dual, Quad Amplifiers Amplify the Human Experience F E A T U R E S n Unity gain stable n 100dB voltage gain n 550kHz unity gain bandwidth n 0.5mA supply current n 20nA input bias current n 2mV input offset voltage n 3V to 36V single supply voltage range n ±1.5V to ±18V dual supply voltage range n Input common mode voltage range includes ground n 0V to VS-1.5V output voltage swing n CLC2050: improved replacement for industry standard LM358 n CLC4050: Improved replacement for industry standard LM324 n CLC1050: Pb-free SOT23-5 n CLC2050: Pb-free SOIC-8 n CLC4050: Pb-free SOIC-14 A P P L I C A T I O N S n Battery Charger n Active Filters n Transducer amplifiers n General purpose controllers n General purpose instruments General Description The COMLINEAR CLC1050 (single), CLC2050 (dual), and CLC4050 (quad) are voltage feedback amplifiers that are internally frequency compensated to provide unity gain stability. At unity gain (G=1), these amplifiers offer 550kHz of bandwidth. They consume only 0.5mA of supply current over the entire power supply operating range. The CLC1050, CLC2050, and CLC4050 are specifically designed to operate from single or dual supply voltages. The COMLINEAR CLC1050, CLC2050, and CLC4050 offer a common mode voltage range that includes ground and a wide output voltage swing. The combination of low-power, high supply voltage range, and low supply current make these amplifiers well suited for many general purpose applications and as alternatives to several industry standard amplifiers on the market today. Typical Application - Voltage Controlled Oscillator (VCO) Ordering Information Part Number Package Pb-Free RoHS Compliant Operating Temperature Range Packaging Method CLC1050IST5X SOT23-5 Yes Yes -40°C to +85°C Reel CLC2050ISO8X SOIC-8 Yes Yes -40°C to +85°C Reel CLC4050ISO14X SOIC-14 Yes Yes -40°C to +85°C Reel Moisture sensitivity level for all parts is MSL-1. VCC V+/2 R 100k 51k 51k 0.05µF Output 2 51k R/2 50k – + 1/2 CLCx050 – + 1/2 CLCx050 Output 1 100k 10k |
유사한 부품 번호 - CLC1050 |
|
유사한 설명 - CLC1050 |