전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FR601 데이터시트(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

부품명 FR601
상세설명  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR601 데이터시트(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  FR601 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. FR601 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 12/04/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
FR601 THRU FR607
FORWARD VOLTAGE .(V)
TYPICAL FORWARD CHARACTERISTICS
Tj=25 C
Pulse Width 300us
1% Duty Cycle
single phase,half wave 60Hz
resistive or inductive load
Ambient Temperature Ta ( )
TYPICAL FORWARD CURRENT
DERATING CURVE
NUMBER OF CYCLES AT 60Hz
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3 ms single half
sine wave
JEDEC method
REVERSE VOLTAGE.(V)
TYPICAL JUNCTION CAPACITANCE
TJ=25 C
set time base for
50/10ns/cm
-0.25A
-1.0A
1cm
0
+0.5A
trr
TE ST CIRCU IT D IA G RA M A N D REV ERSE
RECO V E RY T IM E C H ARA C T ER ISTIC S
Notes:1.Rise tim e =2ns m ax. Input im pedance=1m egohm .22pF
2. R ise tim e=10ns m ax. Source im pedance=50ohm s.
50
NON-INDUC TIV E
25V dc
(approx.)
pulse
generator
(N ote 2)
oscilliscope
(N ote 1)
non-
inductive
10
NON-INDUCTIVE
Ω
Ω
Ω



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com