전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HZ2C3 데이터시트(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

부품명 HZ2C3
상세설명  SILICON EPITAXIAL PLANER ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

HZ2C3 데이터시트(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  HZ2C3 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. HZ2C3 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. HZ2C3 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. HZ2C3 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HZ Series
Characteristics at Ta = 25 OC
Zener Voltage
1)
Reverse Current
Dynamic Resistance
Type
Min. (V)
Max. (V)
at lZ (mA)
IR (µA) Max.
at VR (V)
rd (Ω) Max.
at lZ (mA)
HZ12B3
12.9
13.4
HZ12C1
13.2
13.7
HZ12C2
13.5
14
HZ12C3
13.8
14.3
5
1
9.5
35
5
HZ15-1
14.1
14.7
HZ15-2
14.5
15.1
HZ15-3
14.9
15.5
5
1
11
40
5
HZ16-1
15.3
15.9
HZ16-2
15.7
16.5
HZ16-3
16.3
17.1
5
1
12
45
5
HZ18-1
16.9
17.7
HZ18-2
17.5
18.3
HZ18-3
18.1
19
5
1
13
55
5
HZ20-1
18.8
19.7
HZ20-2
19.5
20.4
HZ20-3
20.2
21.1
2
1
15
60
2
HZ22-1
20.9
21.9
HZ22-2
21.6
22.6
HZ22-3
22.3
23.3
2
1
17
65
2
HZ24-1
22.9
24
HZ24-2
23.6
24.7
HZ24-3
24.3
25.5
2
1
19
70
2
HZ27-1
25.2
26.6
HZ27-2
26.2
27.6
HZ27-3
27.2
28.6
2
1
21
80
2
HZ30-1
28.2
29.6
HZ30-2
29.2
30.6
HZ30-3
30.2
31.6
2
1
23
100
2
HZ33-1
31.2
32.6
HZ33-2
32.2
33.6
HZ33-3
33.2
34.6
2
1
25
120
2
HZ36-1
34.2
35.7
HZ36-2
35.3
36.8
HZ36-3
36.4
38
2
1
27
140
2
1) Tested with pulses tp = 20 ms.



Html Pages

1 2 3 4