전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT86 데이터시트(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

부품명 BAT86
상세설명  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAT86 데이터시트(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BAT86 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAT86 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 25/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAT86
SCHOTTKY BARRIER DIODE
Ultra high-speed switching, voltage clamping
protection circuits and blocking applications
Features
• Low forward voltage
• Hermetically-sealed leaded glass package
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Continuous Reverse Voltage
VR
50
V
Continuous Forward Current
IF
200
mA
Average Forward Current (VRWM = 25 V, Tamb = 50 OC)
IF(AV)
200
mA
Repetitive Peak Forward Current (at tp ≤ 1 s,
δ ≤ 0.5)
IFRM
500
mA
Non-repetitive Peak Forward Current (at tp
≤ 10 ms)
IFSM
5
A
Operating Ambient Temperature Range
Tamb
- 65 to + 125
O
C
Junction Temperature
Tj
125
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Thermal Resistance from Junction to Ambient
Rthja
320
K/W
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 0.1 mA
at IF = 1 mA
at IF = 10 mA
at IF = 30 mA
at IF = 100 mA
VF
VF
VF
VF
VF
300
380
450
600
900
mV
mV
mV
mV
mV
Reverse Curren
t
at VR = 40 V
IR
5
µA
Diode Capacitance
at VR = 1 V, f = 1 MHz
Cd
8
pF
Reverse Recovery Time
at IF = 10 mA, IR = 10 mA, RL = 100 Ω
trr
4
ns
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black


유사한 부품 번호 - BAT86

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT86 GOOD-ARK-BAT86 Datasheet
56Kb / 1P
Small-Signal Diode
More results

유사한 설명 - BAT86

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com