전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

24PC0070D2CS 데이터시트(PDF) 11 Page - Sensortechnics GmbH

부품명 24PC0070D2CS
상세설명  Pressure sensors with special fittings and sealings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0070D2CS 데이터시트(HTML) 11 Page - Sensortechnics GmbH

Back Button 24PC0070D2CS Datasheet HTML 4Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 5Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 6Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 7Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 8Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 9Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 10Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 11Page - Sensortechnics GmbH 24PC0070D2CS Datasheet HTML 12Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
11/12
May 2008 / 593
www.sensortechnics.com
OUTLINE DRAWINGS
FOR FLOW THROUGH HOUSINGS
2xPCxxxxG
6Gx
(Barbed, pinning 1 x 4)
mass: 2 g
dimensions in mm
2xPCxxxxG
2Gx
(Barbed, pinning 2 x 2)
mass: 2 g
dimensions in mm
P1
Notch
Pin 1
4x0,5
3x2,54
1,27
4x1,02
2,29
25,6
4 x 15,4
12,7
2 x 8,9
2 x 5,1
4 x 2,8
1,78
R3,2
P2
P2
25,6
12,7
2 x 8,9
2 x 5,1
Ø1,78
R3,2
1
2
3
4
4 x
1,02
2,54
4x0,5
Notch
Pin 1
P1
2 x
0,41
8,4
5,08
P2
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12