전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA025A 데이터시트(PDF) 3 Page - Excelics Semiconductor, Inc.

부품명 EPA025A
상세설명  High Efficiency Heterojunction Power FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELICS [Excelics Semiconductor, Inc.]
홈페이지  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA025A 데이터시트(HTML) 3 Page - Excelics Semiconductor, Inc.

  EPA025A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA025A Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPA025A Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EPA025A
DATA SHEET
High Efficiency Heterojunction Power FET
S-PARAMETERS
2V, 15mA
Freq
---S11---
---S21---
---S12---
---S22---
Freq
---S11---
---S21---
---S12---
---S22---
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
GHz
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
1.0
0.990
-16.2
6.768
167.3
0.020
80.0
0.615
-10.6
21.0
0.711
179.5
2.038
33.0
0.116
-6.7
0.353
-136.9
2.0
0.961
-32.3
6.535
155.4
0.039
70.1
0.597
-20.8
22.0
0.722
174.6
1.933
27.9
0.114
-8.8
0.343
-146.9
3.0
0.933
-48.0
6.261
144.1
0.055
61.5
0.561
-31.3
23.0
0.723
171.1
1.838
23.1
0.113
-10.9
0.361
-156.4
4.0
0.897
-63.8
5.880
133.0
0.069
53.2
0.523
-41.8
24.0
0.724
166.4
1.713
18.0
0.111
-12.5
0.390
-165.8
5.0
0.866
-76.5
5.414
123.7
0.078
46.3
0.503
-50.0
25.0
0.739
163.2
1.600
14.2
0.108
-13.3
0.418
-168.9
6.0
0.833
-88.2
4.964
115.0
0.086
40.0
0.468
-57.7
26.0
0.739
161.9
1.487
10.8
0.104
-13.4
0.458
-172.1
7.0
0.810
-98.6
4.585
107.0
0.091
34.6
0.441
-66.2
27.0
0.740
161.8
1.405
9.1
0.104
-12.2
0.482
-169.3
8.0
0.789
-108.0
4.215
99.9
0.095
29.8
0.419
-73.2
28.0
0.730
161.3
1.356
6.6
0.103
-11.3
0.519
-168.9
9.0
0.769
-115.9
3.893
93.4
0.098
25.3
0.406
-80.1
29.0
0.715
159.4
1.333
4.5
0.106
-10.4
0.521
-166.2
10.0
0.753
-122.8
3.614
87.6
0.099
21.1
0.390
-86.4
30.0
0.709
155.1
1.307
0.7
0.107
-10.6
0.530
-166.6
11.0
0.738
-129.6
3.371
81.6
0.101
18.0
0.388
-93.0
31.0
0.710
151.4
1.292
-2.3
0.111
-12.3
0.508
-166.0
12.0
0.728
-136.3
3.141
76.0
0.101
14.3
0.378
-99.2
32.0
0.691
149.3
1.273
-6.0
0.113
-13.2
0.511
-169.7
13.0
0.722
-141.0
2.925
71.2
0.102
11.9
0.390
-105.0
33.0
0.685
143.3
1.280
-11.0
0.115
-16.8
0.493
-174.4
14.0
0.711
-144.8
2.754
67.0
0.102
9.2
0.407
-106.6
34.0
0.678
137.2
1.238
-15.8
0.115
-19.8
0.492
179.1
15.0
0.700
-149.3
2.635
62.5
0.104
7.6
0.408
-106.9
35.0
0.692
132.2
1.211
-19.7
0.116
-23.0
0.490
171.5
16.0
0.696
-156.8
2.550
57.2
0.107
5.0
0.396
-110.5
36.0
0.702
129.0
1.182
-24.3
0.115
-26.4
0.490
167.3
17.0
0.698
-164.6
2.430
51.6
0.108
1.8
0.389
-115.8
37.0
0.709
122.3
1.173
-29.7
0.117
-30.7
0.469
156.7
18.0
0.704
-170.3
2.298
46.7
0.109
-0.6
0.377
-119.9
38.0
0.740
114.8
1.112
-37.4
0.118
-39.7
0.494
140.6
19.0
0.710
-174.8
2.201
41.9
0.111
-2.9
0.369
-125.2
39.0
0.776
113.3
1.009
-41.2
0.112
-43.4
0.553
135.6
20.0
0.709
-179.4
2.117
36.8
0.112
-5.4
0.373
-131.6
40.0
0.793
118.4
0.919
-40.8
0.108
-42.6
0.547
142.6
EPA025A
Noise Parameters
Vds=2V, Ids=15mA
Freq
Gamma Opt
Nfmin
(GHz)
(MAG)
(ANG)
(dB)
Rn/50
2
0.82
17
0.37
0.57
4
0.8
36
0.46
0.51
6
0.78
49
0.56
0.49
8
0.76
63
0.64
0.44
10
0.73
79
0.76
0.39
12
0.71
94
0.88
0.35
14
0.69
103
1.08
0.31
16
0.68
118
1.31
0.26
18
0.68
131
1.51
0.19
20
0.67
142
1.65
0.14
22
0.66
149
1.88
0.12
24
0.64
162
2.05
0.076
26
0.62
172
2.29
0.064



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com