전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPA960B 데이터시트(PDF) 1 Page - Excelics Semiconductor, Inc.

부품명 EPA960B
상세설명  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXCELICS [Excelics Semiconductor, Inc.]
홈페이지  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA960B 데이터시트(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA960B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA960B Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPA960B
PRELIMINARY DATA SHEET
High Efficiency Heterojunction Power FET
+38.5dBm TYPICAL OUTPUT POWER
18.5dB TYPICAL POWER GAIN AT 2GHz
0.5 X 9600 MICRON RECESSED
“MUSHROOM” GATE
Si3N4 PASSIVATION
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
Idss SORTED IN 240mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f= 2GHz
Vds=8V, Ids=50% Idss
f= 4GHz
37.0
38.5
38.5
dBm
G1dB
Gain at 1dB Compression
f= 2GHz
Vds=8V, Ids=50% Idss
f= 4GHz
17.0
18.5
13.5
dB
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
1760
2880
3760
mA
Gm
Transconductance
Vds=3V, Vgs=0V
1920
3120
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=28mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=9.6mA
-11
-15
V
BVgs
Source Breakdown Voltage Igs=9.6mA
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
5
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
2.8A
Igsf
Forward Gate Current
480mA
80mA
Pin
Input Power
36dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
27 W
23 W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 50
± 10 microns
(with > 20 microns Gold Plated Heat Sink (PHS) )
All Dimensions In Microns

 

 




'
'''
*
***
66
6
6
6


유사한 부품 번호 - EPA960B

제조업체부품명데이터시트상세설명
logo
Excelics Semiconductor,...
EPA960CR-180F EXCELICS-EPA960CR-180F Datasheet
91Kb / 2P
High Efficiency Heterojunction Power FET
EPA960CR-CP083 EXCELICS-EPA960CR-CP083 Datasheet
87Kb / 2P
High Efficiency Heterojunction Power FET
More results

유사한 설명 - EPA960B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com