| 전자부품 데이터시트 검색엔진 |
|
SN74ACT7811FN 데이터시트(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ACT7811FN 데이터시트(HTML) 15 Page - Texas Instruments |
|
15 / 17 page ![]() SN74ACT7811 1024 × 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY SCAS151C – JANUARY 1991 – REVISED FEBRUARY 1996 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION expanding the SN74ACT7811 The SN74ACT7811 is expandable in width and depth. Expanding in word depth offers special timing considerations: After the first data word is loaded into the FIFO, the word is unloaded and the output-ready flag (OR) output goes high after (N × 3) read-clock (RDCLK) cycles, where N is the number of devices used in depth expansion. After the FIFO is filled, the input-ready flag (IR) output goes low, the first word is unloaded, and the IR flag output is driven high after (N × 2) write-clock cycles, where N is the number of devices used in depth expansion. WRTCLK WRTEN1 WRTEN2 IR WRTCLK WRTEN1 WRTEN2 IR D0 – D17 D0 – D17 RDCLK OR RDEN1 RDEN2 OE WRTCLK WRTEN1 WRTEN2 IR D0 – D17 RDCLK OE Q0 – Q17 Q0 – Q17 5 V RDCLK RDEN1 RDEN1 RDEN2 OR RDEN2 OR OE Q0 – Q17 CLOCK SN74ACT7811 SN74ACT7811 Figure 7. Word-Depth Expansion: 2048 Words × 18 Bits, N = 2 WRTCLK WRTEN1 WRTEN2 IR D0 – D17 RDCLK OE Q0 – Q17 RDEN1 RDEN2 OR WRTCLK WRTEN1 WRTEN2 IR D0 – D17 RDCLK OE Q0 – Q17 RDEN1 RDEN2 OR WRTCLK WRTEN D18 – D35 IR D0 – D17 RDCLK RDEN Q18 – Q35 OR Q0 – Q17 OE SN74ACT7811 SN74ACT7811 Figure 8. Word-Width Expansion: 1024 Words × 36 Bits |