전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SX01GD2 데이터시트(PDF) 9 Page - Sensortechnics GmbH

부품명 SX01GD2
상세설명  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX01GD2 데이터시트(HTML) 9 Page - Sensortechnics GmbH

Back Button SX01GD2 Datasheet HTML 2Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 3Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 4Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 5Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 6Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 7Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 8Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 9Page - Sensortechnics GmbH SX01GD2 Datasheet HTML 10Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SX Series
Pressure sensors
9/10
July 2008 / 052
www.sensortechnics.com
PHYSICAL DIMENSIONS
Basic sensor DIP "D2" package
Basic sensor DIP "D4" package
mass: 1 g
dimensions in inches (mm)
mass: 1 g
dimensions in inches (mm)
0.020 typ.
(0.51)
0.110 typ.
(2.79)
0.380
(9.65)
0.285
(7.24)
0.090 typ.
(2.29)
0.470
(11.94)
0.050
typ.
(1.27)
0.550
(13.97)
P2
P1
0.600
(15.24)
0.01
(0.25)
0.100 typ.
(2.54)
0.300
(7.62)
0.070
(1.78)
0.135
(3.43)
0.250
(6.35)



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com