| 전자부품 데이터시트 검색엔진 |
|
SP-MR-IR1-RDA 데이터시트(PDF) 5 Page - Source Photonics, Inc. |
|
|
|||||||||||||||||||||||||||||
SP-MR-IR1-RDA 데이터시트(HTML) 5 Page - Source Photonics, Inc. |
|
5 / 6 page ![]() 5 Multi-Rate SFP Transceiver(IR1) SP-MR-IR1 20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486 9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213 LUMNDS1527-FEB2206 rev.A.0 LUMINENTOIC.COM Outline Drawing Suggested Transceiver Interface Units in mm(inch) SerDes 100 Ω Receiver Amplifier RD + RD - .01 µF .01 µF MOD_DEF 2 MOD_DEF 1 MOD_DEF 0 V CC R 1 R 1 R 1 R 1= 4.7Κ to 10ΚΩ EEPROM RX_LOS R 1 Laser Driver .01 µF .01 µF 100 Ω TD + TD - TX_FAULT TX_DISABLE Protocol IC R 1 VEE T .01 µF 0.1 µF 10 µF 1 µH V CC LuminentOIC VEE R 0.1 µF 10 µF 1 µH VCC R TX_DISABLE TX_FAULT RX_LOS VCC T 10k Ω SFP |