전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AND2307 데이터시트(PDF) 2 Page - Purdy Electronics Corporation

부품명 AND2307
상세설명  LED Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PURDY [Purdy Electronics Corporation]
홈페이지  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND2307 데이터시트(HTML) 2 Page - Purdy Electronics Corporation

  AND2307 Datasheet HTML 1Page - Purdy Electronics Corporation AND2307 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AND-2307 Series
GaAsP/GaP–Red; GaP–Green
LED Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
7/18/07
AND-5610 Series Pin Connection Table
AND-2307SCL
AND-2307SAL
Pin
Connection
Pin
Connection
Pin
Connection
Pin
Connection
1
Common Cathode
6
Anode B
1
Common Anode
6
Cathode B
2
Anode E
7
Anode A
2
Cathode E
7
Cathode A
3
Anode D
8
Anode dp
3
Cathode D
8
Cathode dp
4
Anode C
9
Anode F
4
Cathode C
9
Cathode F
5
Common Cathode
10
Anode G
5
Common Anode
10
Cathode G
Ambient Temperature
20
0
10
20
30
40
60
80
100
Max Current vs. Temperature
Forward Current
210
1
10
1
20 30
(mA)
3
Luminous Intensity vs. Forward Current
Temperature
-20
20
0.5
1.0
1.5
Red
Green
-40
40
60
80
0
Luminous Intensity vs. Temperature
Forward Current vs. Forward Voltage (Red GaAsP)
VF = Forward (V)
6.0
0
10
20
40
50
30
7.0
8.0
9.0
10.0
+25°C
-5°C
+100°C
Forward Current vs. Forward Voltage (GaP)
VF = Forward Voltage (V)
0
10
20
40
50
30
6.0
8.0
10.0
+100°C
+25°C
-5°C
Green
Red



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com