| 전자부품 데이터시트 검색엔진 |
|
TC211 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TC211 데이터시트(HTML) 3 Page - Texas Instruments |
|
3 / 13 page ![]() TC211 192- × 165-PIXEL CCD IMAGE SENSOR SOCS008B – JANUARY 1990 2-3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 functional description (continued) Each clock pulse applied to the image area gate causes an automatic fast clear of the 192 image pixels and 12 dark pixels of the serial register before the next image line is transferred into the serial register. (Note that the six dummy pixels at the front of the serial register, which are used to transport charge packets from the serial register to the amplifier input, are not cleared by the image area gate clock.) The automatic fast-clear feature can be used to initialize the image area by transferring all 165 image lines to the serial register gate under dark conditions without clocking the serial register gate. Clocked Phase (image- area gate) Virtual Phase Virtual Phase Virtual Phase Antiblooming Gate Barriers Potential Wells Vertical 16 µm Horizontal 13.75 µm Channel Stop Representative Top View of Pixels 1 Pixel Cross Section of Pixels Etched Polysilicon Insulating Oxide Silicon Cross Section of Potentials in Silicon IAG Low ABG Low ABG Intermediate IAG High ABG High Direction of Vertical Charge Transfer Clocked Phase (image- area gate) Clocked Phase (image- area gate) Figure 1. Charge Accumulation and Transfer Process |