전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TCM29C13 데이터시트(PDF) 24 Page - Texas Instruments

부품명 TCM29C13
상세설명  COMBINED SINGLE-CHIP PCM CODEC AND FILTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TCM29C13 데이터시트(HTML) 24 Page - Texas Instruments

Back Button TCM29C13 Datasheet HTML 17Page - Texas Instruments TCM29C13 Datasheet HTML 18Page - Texas Instruments TCM29C13 Datasheet HTML 19Page - Texas Instruments TCM29C13 Datasheet HTML 20Page - Texas Instruments TCM29C13 Datasheet HTML 21Page - Texas Instruments TCM29C13 Datasheet HTML 22Page - Texas Instruments TCM29C13 Datasheet HTML 23Page - Texas Instruments TCM29C13 Datasheet HTML 24Page - Texas Instruments TCM29C13 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
TCM29C13, TCM29C14, TCM29C16, TCM29C17,
TCM129C13, TCM129C14, TCM129C16, TCM129C17
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
SCTS011H – APRIL 1986 – REVISED JULY 1996
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
output gain-set design considerations (see Figure 9)
PWRO+ and PWRO – are low-impedance complementary outputs. The voltages at the nodes are:
VO+ at PWRO+
VO– at PWRO–
VOD = VO+ – VO– (total differential response)
R1 and R2 are a gain-setting resistor network with the center tap to the GSR input.
A value greater than 10 k
Ω and less than 100 kΩ for R1 + R2 is recommended because of the following:
The parallel combination of R1 + R2 and RL sets the total loading.
The total capacitance at the GSR input and the parallel combination of R1 and R2 define a time constant
that has to be minimized to avoid inaccuracies.
VA represents the maximum available digital milliwatt output response (VA = 3.006 Vrms).
VOD = A × VA
where A =
1 + (R1/R2)
4 + (R1/R2)
PWRO+
GSR
PWRO –
2
4
3
R1
R2
VOD
VO
RL
PCM IN
TCM129C13
TCM129C14
TCM129C16
TCM129C17
TCM29C13
TCM29C14
TCM29C16
TCM29C17
VO–
Digital Milliwatt
Sequence Per
CCITT G. 711
Pin numbers shown are for the TCM29C13, TCM29C14, TCM129C13, and TCM129C14 package only.
Figure 10. Gain-Setting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25