| 전자부품 데이터시트 검색엔진 |
|
S12CPUV2 데이터시트(PDF) 115 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2 데이터시트(HTML) 115 Page - Motorola, Inc |
|
115 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 115 A.4 Voltage Regulator The on-chip voltage regulator is intended to supply the internal logic and oscillator circuits. No external DC load is allowed. Table A-13 Voltage Regulator Recommended Load Capacitances Rating Symbol Min Typ Max Unit Load Capacitance on VDD1, 2 CLVDD 220 nF Load Capacitance on VDDPLL CLVDDfcPLL 220 nF |