전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

THMC10 데이터시트(PDF) 15 Page - Texas Instruments

부품명 THMC10
상세설명  REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

THMC10 데이터시트(HTML) 15 Page - Texas Instruments

Back Button THMC10 Datasheet HTML 11Page - Texas Instruments THMC10 Datasheet HTML 12Page - Texas Instruments THMC10 Datasheet HTML 13Page - Texas Instruments THMC10 Datasheet HTML 14Page - Texas Instruments THMC10 Datasheet HTML 15Page - Texas Instruments THMC10 Datasheet HTML 16Page - Texas Instruments THMC10 Datasheet HTML 17Page - Texas Instruments THMC10 Datasheet HTML 18Page - Texas Instruments THMC10 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
THMC10
REMOTE/LOCAL TEMPERATURE MONITOR
WITH SMBus INTERFACE
SLIS089 – DECEMBER 1999
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
PC board layout checklist (continued)
10 MILS
DXN
DXP
GND
GND
10 MILS
MINIMUM
10 MILS
10 MILS
Figure 7. Recommended PC Board Layout for DXP/DXN Traces
uses of twisted pair and shielded cables
For remote-sensor distances longer than 8 inches or in particularly noisy environments, a twisted pair is
recommended. Its practical length is 6 feet to 12 feet (typical) before noise becomes a problem, as tested in
a noisy electronics laboratory. For longer distances, the best solution is a shielded twisted pair like that used
for audio microphones. For example, a Belden
® #8451 works well for distances up to 100 feet in a noisy
environment. Connect the twisted pair to DXP and DXN and the shield to GND, and leave the shield’s remote
end unterminated. Excess capacitance at DXN limits practical remote sensor distances (see A/D and supply
dc electrical characteristics). For very long cable runs, the cable’s parasitic capacitance often provides noise
filtering; hence, the 2200-pF capacitor can often be removed or reduced in value. Cable resistance also affects
remote-sensor accuracy. A 1-
Ω series resistance introduces about 0.5°C error.
Belden is a registered trademark of Belden Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com