전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2620 데이터시트(PDF) 1 Page - KR Electronics, Inc.

부품명 2620
상세설명  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KR [KR Electronics, Inc.]
홈페이지  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2620 데이터시트(HTML) 1 Page - KR Electronics, Inc.

  2620 Datasheet HTML 1Page - KR Electronics, Inc. 2620 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
CH1
S 21
log MAG
1 dB/
REF 0 dB
CENTER 10.000 000 MHz
SPAN
1.200 000 MHz
Cor
PRm
5 Oct 2005 11:33:29
1
2
3
4
1_: 0
dB
0.000 000 MHz
REF=1
BW:
1.068 825 MHz
cent: 10.018830 MHz
Q: 9.3737
1_ loss: -1.5723 dB
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 100.000 000 MHz
Cor
PRm
5 Oct 2005 11:35:59
KR 2620 Bandpass Filter
KR 2620 is a 10 MHz bandpass filter. The filter has a 1 MHz 3
dB bandwidth and is designed for 300
Ω source and load imped-
ance. Other passband frequencies, bandwidths and impedances
are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 10 MHz Bandpass
• 300 Ω
• DIP Package
Typical Performance
www.krfilters.com
Passband Amplitude
(1 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


유사한 부품 번호 - 2620

제조업체부품명데이터시트상세설명
logo
Alpha Wire
2620 ALPHAWIRE-2620 Datasheet
98Kb / 4P
Customer Specification
2/20/2023
logo
Heyco.
2620 HEYCO-2620 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Turck, Inc.
26200 TURCK-26200 Datasheet
955Kb / 2P
Capacitive Sensor
11/07/2023
logo
Wiha Tools
26200 WIHA-26200 Datasheet
59Kb / 1P
Cable key for circular plug connector
logo
Littelfuse
262001 LITTELFUSE-262001 Datasheet
87Kb / 1P
MICRO FUSE Very Fast-Acting Type 262/268/269 Series
More results

유사한 설명 - 2620

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com