| 전자부품 데이터시트 검색엔진 |
|
TL34071P 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL34071P 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 8 page ![]() TL3x071, TL3x071A, TL3x072, TL3x072A, TL3x074, TL3x074A HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS SLOS097C – MARCH 1991 – REVISED AUGUST 1996 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description Quality, low cost, bipolar fabrication with innovative design concepts are employed for the TL33071/2/4, TL34071/2/4, and TL35071/2/4 series of monolithic operational amplifiers. This series of operational amplifiers offers 4.5 MHz of gain bandwidth product, 13 V/ µs slew rate, and fast settling time without the use of JFET device technology. Although this series can be operated from split supplies, it is particularly suited for single-supply operation since the common-mode input voltage range includes ground potential (VCC–). With a Darlington transistor input stage, this series exhibits high input resistance, low input offset voltage, and high gain. The all-npn output stage, characterized by no dead-band crossover distortion and large output voltage swing, provides high-capacitance drive capability, excellent phase and gain margins, low open-loop high-frequency output impedance, and symmetrical source/sink ac frequency response. The TL34071/2/4 devices are avaliable in standard or prime performance (A-suffix) grades and are specified over the commercial (0 °C to 70°C) temperature range. The TL33071/2/4 devices are available in standard or prime performance (A-suffix) grades and are specified over industrial/vehicular (– 40 °C to 105°C) temperature range. The TL35071/2/4 devices are avaliable in standard or prime performance (A-suffix) grades and are specified over the military (– 55 °C to 125°C) temperature range. These low-cost amplifiers are available in single, dual, and quad configurations and are pin compatible with the MC33071/2/4, MC34071/2/4, and MC35071/2/4 series of amplifiers. Packaging options include standard plastic DIP and SO packages. symbol + – + – OFFSET N1 IN + IN – OFFSET N2 OUT Single OUT IN + IN – Dual and Quad (per amplifier) |