| 전자부품 데이터시트 검색엔진 |
|
TLC2201ACD 데이터시트(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201ACD 데이터시트(HTML) 28 Page - Texas Instruments |
|
28 / 62 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 28 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2201M electrical characteristics at specified free-air temperature, VDD ± = ±5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2201M UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 100 500 µV VIO Input offset voltage Full range 700 µV αVIO Temperature coefficient of input offset voltage Full range 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC =0 RS =50 Ω 25 °C 0.001 0.005 µV/mo IIO Input offset current VIC = 0, RS = 50 Ω 25 °C 0.5 pA IIO Input offset current Full range 500 pA IIB Input bias current 25 °C 1 pA IIB Input bias current Full range 500 pA –5 VICR Common-mode input voltage range RS = 50 Ω Full range 5 to V ICR gg S g 2.7 VOM Maximum positive peak output voltage swing 25 °C 4.7 4.8 V VOM + Maximum positive peak output voltage swing RL =10kΩ Full range 4.7 V VOM Maximum negative peak output voltage swing RL = 10 kΩ 25 °C – 4.7 – 4.9 V VOM – Maximum negative peak output voltage swing Full range – 4.7 V VO = ± 4V RL = 500 kΩ 25 °C 400 560 AVD Large signal differential voltage amplification VO = ± 4 V, RL = 500 kΩ Full range 200 V/mV AVD Large-signal differential voltage amplification VO = ± 4V RL =10kΩ 25 °C 90 100 V/mV VO = ± 4 V, RL = 10 kΩ Full range 45 CMRR Common mode rejection ratio VIC = VICRmin, 25 °C 90 115 dB CMRR Common-mode rejection ratio VO = 0, RS = 50 Ω Full range 85 dB kSVR Supply voltage rejection ratio ( ∆VDD±/∆VIO) VDD ± = ±2 3Vto ±8V 25 °C 90 110 dB kSVR Supply voltage rejection ratio ( ∆VDD±/∆VIO) VDD ± = ±2.3 V to ±8 V Full range 85 dB IDD Supply current VO =0 No load 25 °C 1.1 1.5 mA IDD Supply current VO = 0, No load Full range 1.5 mA † Full range is – 55 °C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. TLC2201M operating characteristics at specified free-air temperature, VDD± = ±5 V PARAMETER TEST CONDITIONS TA† TLC2201M UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT SR Slew rate at unity gain VO = ± 2.3 V, RL = 10 kΩ, 25 °C 2 2.7 V/ µs SR Slew rate at unity gain CL = 100 pF Full range 1.3 V/ µs V Equivalent input noise voltage f = 10 Hz 25 °C 18 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 8 nV/ √Hz VN(PP) Peak to peak equivalent input noise voltage f = 0.1 to 1 Hz 25 °C 0.5 µV VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 25 °C 0.7 µV In Equivalent input noise current 25 °C 0.6 fA/ √Hz Gain bandwidth product f = 10 kHz, RL = 10 kΩ, 25 °C 19 MHz Gain-bandwidth product CL = 100 pF L 25 °C 1.9 MHz φm Phase margin RL = 10 kΩ, CL = 100 pF 25 °C 48 ° † Full range is – 55 °C to 125°C. |