| 전자부품 데이터시트 검색엔진 |
|
SWTC628A 데이터시트(PDF) 2 Page - OPLINK Communications Inc. |
|
|
|||||||||||||||||||||||||||||
SWTC628A 데이터시트(HTML) 2 Page - OPLINK Communications Inc. |
|
2 / 2 page ![]() Ordering Information SWTC Series Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink's OEM design team or account manager for your requirements and ordering information (510) 933-7200. R1.20070926 Product Lines Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Interconnect Amplification RGB Laser Modules Single Window Single Mode Wideband Tree/Star Coupler (nxm) 0 0 0 Connector Type None= 1 FC/PC= 2 FC/SPC= 3 FC/APC= 4 SC/PC= 5 SC/SPC= 6 SC/APC= 7 ST= 8 LC= 9 MU= A SWTC PackageType 900µm loose tube= 2 3mm cable= 3 Fiber Length 1.0 meter= 1* 1.5 meter= 5 2.0 meter= 2 0.5 meter= H Wavelength 1310nm= 3 C band= 5 L band= 6 C+L band =1 Type Grade P Grade= P A Grade= A Fiber Type P1=1 P2=2 P3=3 P4=4 * 1 meter is standard. The lead time for special fiber length will be longer. 1x4=14, 1x16=1A 2x4=24, 2x16=2A 4x4=44, 16x16=AA 1x5=15, 1x32=1B 1x6=16, 2x32=2B 1x8=18, 1x40=1C 2x8=28, 2x40=2C 8x8=88 Mechanical Drawing / Package Dimensions (dimension in mm) 20.0 60.0 R1.5 5.0 3.0 DETAIL B 2.0 7.0 3.5 R2.5 100.0 VIEW B 80.0 TYP 4.0 76.0 35.0 60.0 R1.5 5.0 3.0 DETAIL B 2.0 9.0 5.5 R2.5 130.0 VIEW B 90.0 86.0 P1 P2 NOTES: (UNLESS OTHERWISE SPECIFIED) 1. ALL DIMENSION ARE IN MILLIMETER. 2. MAT’L AND FINISH: AL6061, BLACK ANODIZE. 3.TOL: .X = ±0.2, .XX = ±0.1. NOTES: (UNLESS OTHERWISE SPECIFIED) 1. ALL DIMENSION ARE IN MILLIMETER. 2. MAT’L AND FINISH: AL6061, BLACK ANODIZE. 3.TOL: .X = ±0.2, .XX = ±0.1. TYP 4.0 |