전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC5910PZP 데이터시트(PDF) 20 Page - Texas Instruments

부품명 TLC5910PZP
상세설명  LED DRIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC5910PZP 데이터시트(HTML) 20 Page - Texas Instruments

Back Button TLC5910PZP Datasheet HTML 16Page - Texas Instruments TLC5910PZP Datasheet HTML 17Page - Texas Instruments TLC5910PZP Datasheet HTML 18Page - Texas Instruments TLC5910PZP Datasheet HTML 19Page - Texas Instruments TLC5910PZP Datasheet HTML 20Page - Texas Instruments TLC5910PZP Datasheet HTML 21Page - Texas Instruments TLC5910PZP Datasheet HTML 22Page - Texas Instruments TLC5910PZP Datasheet HTML 23Page - Texas Instruments TLC5910PZP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
TLC5910
LED DRIVER
SLLS392 – NOVEMBER 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
protection
This device incorporates WDT and TSD functions. If WDT or TSD functions, the constant current output is
stopped and XDOWN1 goes low. Therefore, by monitoring the XDOWN1 terminal, these failures can be
detected immediately. Since the XDOWN1 output is configured as an open collector, outputs of multiple ICs are
brought together.
WDT (watchdog timer)
The constant current output is forced to turn off and XDOWN1 goes low when the fixed period elapses after the
signal applied to WDTRG has not been changed. Therefore, by connecting a scan signal (signal to control line
displayed) to WDTRG, the stop of the scan signal can be detected and the constant current output is turned
off. This prevents the LED from burning and damage caused by continuous LED turnon at the dynamic scanning
operation. The detection time can be set using an external capacitor, Cext. The typical value is approximately
10 ms without a capacitor, 160 ms with a 1000 pF capacitor, and 1500 ms with a0.01
µF capacitor. During static
operation, the WDT function is disabled connecting WDCAP to GND (high or low level should be applied to
WDTRG). Note that normal operations will resume changing the WDTRG level when WDT functions.
WDT operational time: T (ms)
≅ 10 + 0.15 × Cext (pF)
0
0.001
0.01
Cext – External Capacitor –
µF
160
10
TLC5910
WDTRG
WDCAP
Scan Signal
Cext
1500
Figure 9. WDT Operational Time and Usage Example
TSD (thermal shutdown)
When the junction temperature exceeds the limit, TSD starts to function and turns constant current output off,
and XDOWN1 goes low. When TSD is used, TSENA should be pulled high. When TSD is not used, TSENA
should be pulled low. To recover from constant current output off-state to normal operation, the power supply
should be turned off or TSENA should be pulled low once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com