| 전자부품 데이터시트 검색엔진 |
|
TLE2072AIP 데이터시트(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2072AIP 데이터시트(HTML) 35 Page - Texas Instruments |
|
35 / 77 page ![]() TLE207x, TLE207xA, TLE207xY EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS181A – FEBRUARY 1997 – REVISED MARCH 2000 35 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2072Y electrical characteristics at VCC± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TLE2072Y UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIO Input offset voltage VIC = 0, VO = 0, RS = 50 Ω 1.1 6 mV IIO Input offset current VIC =0 VO = 0 See Figure 4 6 100 pA IIB Input bias current VIC = 0, VO = 0, See Figure 4 20 175 pA 15 15 VICR Common-mode input voltage range RS = 50 Ω 15 to 15 to V ICR gg S –11 11.9 IO = – 200 µA 13.8 14.1 VOM + Maximum positive peak output voltage swing IO = – 2 mA 13.5 13.9 V IO = – 20 mA 11.5 12.3 M i ti k IO = 200 µA – 13.8 – 14.2 VOM – Maximum negative peak output voltage swing IO = 2 mA – 13.5 –14 V out ut voltage swing IO = 20 mA – 11.5 – 12.4 RL = 600 Ω 80 96 AVD Large-signal differential voltage amplification VO = ± 10 V RL = 2 kΩ 90 109 dB RL = 10 kΩ 95 118 ri Input resistance VIC = 0 1012 Ω ci Input capacitance VIC = 0, Common mode 7.5 pF ci Input capacitance IC , See Figure 5 Differential 2.5 pF zo Open-loop output impedance f = 1 MHz 80 Ω CMRR Common-mode rejection ratio VIC = VICRmin, VO = 0, RS = 50 Ω 80 98 dB kSVR Supply-voltage rejection ratio ( ∆VCC±/∆VIO) VCC ± = ±5 V to ±15 V, VO = 0, RS = 50 Ω 82 99 dB ICC Supply current (both channels) VO = 0, No load 2.7 3.1 3.9 mA I Short circuit output current V0 VID = 1 V –30 –45 mA IOS Short-circuit output current VO = 0 VID = – 1 V 30 48 mA |