| 전자부품 데이터시트 검색엔진 |
|
TMS77C82 데이터시트(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS77C82 데이터시트(HTML) 49 Page - Texas Instruments |
|
49 / 59 page ![]() TMS370Cx7x 8-BIT MICROCONTROLLER SPNS034C – SEPTEMBER 1995 – REVISED FEBRUARY 1997 49 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 external clocking requirements for clock divided by 4† (see Figure 22) NO. PARAMETER MIN MAX UNIT 1 tw(Cl) Pulse duration, XTAL2/CLKIN (see Note 10) 20 ns 2 tr(Cl) Rise time, XTAL2/CLKIN 30 ns 3 tf(CI) Fall time, XTAL2/CLKIN 30 ns 4 td(CIH-SCL) Delay time, XTAL2/CLKIN rise to SYSCLK fall 100 ns CLKIN Crystal operating frequency 2 20 MHz SYSCLK System clock‡ 0.5 5 MHz † For VIL and VIH, refer to recommended operating conditions. ‡ SYSCLK = CLKIN/4 NOTE 10: This pulse can be either a high pulse, which extends from the earliest valid high to the final valid high in an XTAL2/CLKIN cycle, or a low pulse, which extends from the earliest valid low to the final valid low in an XTAL2/CLKIN cycle. XTAL2/CLKIN 3 2 1 4 SYSCLK Figure 22. External Clock Timing for Divide-by-4 external clocking requirements for clock divided by 1 (PLL)† (see Figure 23) NO. PARAMETER MIN MAX UNIT 1 tw(Cl) Pulse duration, XTAL2/CLKIN (see Note 10) 20 ns 2 tr(Cl) Rise time, XTAL2/CLKIN 30 ns 3 tf(CI) Fall time, XTAL2/CLKIN 30 ns 4 td(CIH-SCH) Delay time, XTAL2/CLKIN rise to SYSCLK rise 100 ns CLKIN Crystal operating frequency 2 5 MHz SYSCLK System clock§ 2 5 MHz † For VIL and VIH, refer to recommended operating conditions. § SYSCLK = CLKIN/1 NOTE 10: This pulse can be either a high pulse, which extends from the earliest valid high to the final valid high in an XTAL2/CLKIN cycle, or a low pulse, which extends from the earliest valid low to the final valid low in an XTAL2/CLKIN cycle. XTAL2/CLKIN 3 2 1 4 SYSCLK Figure 23. External Clock Timing for Divide-by-1 |