전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM2I99456 데이터시트(PDF) 13 Page - PulseCore Semiconductor

부품명 ASM2I99456
상세설명  3.3V/2.5V LVCMOS Clock Fanout Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PULSECORE [PulseCore Semiconductor]
홈페이지  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I99456 데이터시트(HTML) 13 Page - PulseCore Semiconductor

Back Button ASM2I99456 Datasheet HTML 6Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 7Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 8Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 9Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 10Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 11Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 12Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 13Page - PulseCore Semiconductor ASM2I99456 Datasheet HTML 14Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
November 2006
ASM2I99456
rev 0.3
3.3V/2.5V LVCMOS Clock Fanout Buffer
13 of 14
Notice: The information in this document is subject to change without notice.
Ordering Information
Part Number
Marking
Package Type
Operating Range
ASM2I99456G-32-LT
ASM2I99456GL
32-pin LQFP, Tray, Green
Industrial
ASM2I99456G-32-LR
ASM2I99456GL
32-pin LQFP –Tape and Reel, Green
Industrial
ASM2I99456G-32-ET
ASM2I99456GE
32-pin TQFP, Tray, Green
Industrial
ASM2I99456G-32-ER
ASM2I99456GE
32-pin TQFP –Tape and Reel, Green
Industrial
Device Ordering Information
ASM2I99456G-32-LR
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
O = SOT
U = MSOP
S = SOIC
E = TQFP
T = TSSOP
L = LQFP
A = SSOP
U = MSOP
V = TVSOP
P = PDIP
B = BGA
D = QSOP
Q = QFN
X = SC-70
DEVICE PIN COUNT
X= Automotive
I= Industrial
P or n/c = Commercial
(-40C to +125C)
(-40C to +85C)
(0C to +70C)
1 = Reserved
6 = Power Management
2 = Non PLL based
7 = Power Management
3 = EMI Reduction
8 = Power Management
4 = DDR support products
9 = Hi Performance
5 = STD Zero Delay Buffer
0 = Reserved
PulseCore Semiconductor Mixed Signal Product
PART NUMBER
G = GREEN PACKAGE, LEAD FREE, and RoHS
R = Tape & Reel, T = Tube or Tray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14