| 전자부품 데이터시트 검색엔진 |
|
ASM3P2579AF-06OR 데이터시트(PDF) 5 Page - PulseCore Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASM3P2579AF-06OR 데이터시트(HTML) 5 Page - PulseCore Semiconductor |
|
5 / 12 page ![]() January 2007 ASM3P2579A rev 1.1 Low Power Peak EMI Reducing Solution 5 of 12 Notice: The information in this document is subject to change without notice. DC Electrical Characteristics for 3.3V Supply (Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated) Symbol Parameter Min Typ Max Unit VIL Input low voltage VSS - 0.3 - 0.8 V VIH Input high voltage 2.0 - VDD + 0.3 V IIL Input low current - - -35 µA IIH Input high current - - 35 µA IXOL XOUT output low current (@0.4V, VDD=3.3V) - 3 - mA IXOH XOUT output high current (@2.5V, VDD=3.3V) - 3 - mA VOL Output low voltage (VDD = 3.3V, IOL = 8mA) - - 0.4 V VOH Output high voltage (VDD = 3.3V, IOH = 8mA) 2.5 - - V IDD Static supply current* - 1.2 - mA ICC Dynamic supply current (3.3V, 24MHz and no load) - 4.0 - mA VDD Operating Voltage 2.7 3.3 3.6 V tON Power-up time (first locked cycle after power-up) - - 5 mS ZOUT Output impedance - 45 - Ω * XIN/CLKIN is made low. AC Electrical Characteristics for 3.3V Supply Symbol Parameter Min Typ Max Unit CLKIN Input frequency 12 - 30 MHz ModOUT Output frequency 12 - 30 MHz Input Frequency = 12MHz - ±1.65 - fd Frequency Deviation Input Frequency = 30MHz - ±0.80 - % tLH* Output rise time (measured from 0.8 to 2.0V) 0.5 1.4 1.7 nS tHL* Output fall time (measured at 2.0V to 0.8V) 0.4 1.0 1.2 nS tJC Jitter (cycle to cycle) - - 200 pS tD Output duty cycle 45 50 55 % *tLH and tHL are measured into a capacitive load of 15pF |